Electronic Components Datasheet Search |
|
FTP-642MCL001 Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
FTP-642MCL001 Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 8 page 3 FTP-622DCL/DSL s CONNECTOR PIN ASSIGNMENT 1. Connector for power supply (CN10) Part number : B6P-VH (J.S.T) Mating connector part number : VHR-6N (J.S.T) or equivalent No. Signal I/O Contents No. Signal I/O Contents 1VCC — Power supply for logic (+5 V) 2 GND — GND (5 V, 24 V common) 3 GND — GND (5 V, 24 V common) 4 GND — GND (5 V, 24 V common) 5VDD — Power for head/motor (+24 V) 6 V DD — Power for head/motor (+24 V) 2. Connector for thermal head drive (CN8) Part number : B16B-PH-K-S (J.S.T) Mating connector part number : PHR-16 (J.S.T) or equivalent No. Signal I/O Contents No. Signal I/O Contents 1 VDH O Power for head (+24 V) 2 VDH O Power for head (+24 V) 3 GND (VDH) — Head GND 4 GND (VDH) — Head GND 5 STB1 O Print enable signal 1 6 STB2 O Print enable signal 2 7 STB3 O Print enable signal 3 8 TMP I Temperature detection signal 9 STB4 O Print enable signal 4 10 LAT O Print data latch signal 11 STB5 O Print enable signal 5 12 5 VH O Power for logic (+5 V) 13 HCLK O Data transmission clock 14 HD O Print data output signal 15 GND (VDH) — Head GND 16 VDH O Power for head (+24 V) Notes: • Symbol “——” means a negative logic signal. • “I” or “O” means a signal direction from the interface board side. 3. Connector for Sensor (CN3) Part number : B5B-PH-K-S (J.S.T) No. Signal I/O Contents No. Signal I/O Contents 1 +5 V — Power for logic (+5 V) 2 PES I Paper end detect signal 3 GND (5 V) — Logic GND 4 +5 V — Power for logic (+5 V) 5 HUP I Head-up detect signal |
Similar Part No. - FTP-642MCL001 |
|
Similar Description - FTP-642MCL001 |