Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNB7160 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHNB7160
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNB7160 Datasheet(HTML) 6 Page - International Rectifier

  IRHNB7160 Datasheet HTML 1Page - International Rectifier IRHNB7160 Datasheet HTML 2Page - International Rectifier IRHNB7160 Datasheet HTML 3Page - International Rectifier IRHNB7160 Datasheet HTML 4Page - International Rectifier IRHNB7160 Datasheet HTML 5Page - International Rectifier IRHNB7160 Datasheet HTML 6Page - International Rectifier IRHNB7160 Datasheet HTML 7Page - International Rectifier IRHNB7160 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.irf.com
IRHNB7160
Pre-Irradiation
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
VGS
25
50
75
100
125
150
0
10
20
30
40
50
60
T , Case Temperature ( C)
C
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRHNB7160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNB7064 IRF-IRHNB7064 Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7260 IRF-IRHNB7260 Datasheet
117Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7264SE IRF-IRHNB7264SE Datasheet
239Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7264SE IRF-IRHNB7264SE Datasheet
240Kb / 8P
   Simple Drive Requirements
IRHNB7264SE IRF-IRHNB7264SE_15 Datasheet
240Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNB7160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNB7Z60 IRF-IRHNB7Z60 Datasheet
119Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7064 IRF-IRHNB7064 Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNB7264SE IRF-IRHNB7264SE Datasheet
239Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7360SE IRF-IRHNB7360SE Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7460SE IRF-IRHNB7460SE Datasheet
242Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-3)
IRHNB7260 IRF-IRHNB7260 Datasheet
117Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3)
IRHNJ57230 IRF-IRHNJ57230 Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNJ57130 IRF-IRHNJ57130 Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHNM57110 IRF-IRHNM57110 Datasheet
226Kb / 10P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-0.2)
IRHNA67260 IRF-IRHNA67260 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE-MOUNT (SMD-2)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com