Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-622Y001 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTP-622Y001
Description  24V DRIVE INTERFACE BOARD (PARALLEL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-622Y001 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTP-622Y001 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTP-622DCL/DSL
s SPECIFICATION
Item
Specification
Data receive speed
19200, 9600, 4800, 1200 bps (set by dip switch)
Synchronous method
Asynchronous, full duplex
Hand shake
DTR/DSR signal or XON/XOFF
Input output level
RS232C
Signal level
Space (logic = 0)
+3 V ~ +12 V
Mark (logic = 0)
–3 V ~ –12 V
(1) Connector (CN2)
Part number
: B6B-XH-A (J.S.T)
Mating connector part number : XHP-6 (J.S.T) or equivalent
No.
Signal
I/O
Contents
No.
Signal
I/O
Contents
1
FG
Frame GND
2
RD
I
Receive data
3
TD
O
Transmission Data
4
DTR
O
Data terminal ready
5
GND
Signal GND
6
DSR
I
Data set ready
(3) Pin number
B6B-XH-A (J.S.T)
(2) Pin assignment
2. SERIAL INTERFACE (RS232C)
Notes: “I” or “O” means a signal direction from the interface board side.
61
CN2
CN1
t
c
u
d
o
r
Pr
e
b
m
u
N
t
r
a
Pn
o
i
t
c
n
u
F
d
r
a
o
B
e
c
a
f
r
e
t
n
I
l
e
ll
a
r
a
P
1
0
0
L
C
D
2
2
6
-
P
T
F)
r
e
t
t
u
c
t
u
o
h
t
i
w
(
d
r
a
d
n
a
t
S
1
1
0
L
C
D
2
2
6
-
P
T
Fl
o
r
t
n
o
c
r
e
t
t
u
c
h
t
i
W
d
r
a
o
B
e
c
a
f
r
e
t
n
I
l
a
i
r
e
S
1
0
0
L
S
D
2
2
6
-
P
T
F)
r
e
t
t
u
c
t
u
o
h
t
i
w
(
d
r
a
d
n
a
t
S
1
1
0
L
S
D
2
2
6
-
P
T
Fr
e
ll
o
r
t
n
o
c
r
e
t
t
u
c
h
t
i
W
2
1
0
L
S
D
2
2
6
-
P
T
FM
O
R
H
S
A
L
F
+
r
e
ll
o
r
t
n
o
c
r
e
t
t
u
c
h
t
i
W
2
1
1
L
S
D
2
2
6
-
P
T
FM
O
R
H
S
A
L
F
+
I
J
N
A
K
+
r
e
t
t
u
C
h
t
i
W


Similar Part No. - FTP-622Y001

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-622MCL FUJITSU-FTP-622MCL Datasheet
207Kb / 3P
   THERMO-SENSITIVE PAPER
More results

Similar Description - FTP-622Y001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68230 NXP-MC68230 Datasheet
8Mb / 74P
   PARALLEL INTERFACE/TIMER
DECEMBER, 1983
logo
NEC
UPD71055 NEC-UPD71055 Datasheet
486Kb / 20P
   Parallel Interface Unit
logo
IC-Haus GmbH
IC-VRV ICHAUS-IC-VRV Datasheet
166Kb / 12P
   BIDIRECTIONAL 關P INTERFACE TO 24V
logo
Silicon Laboratories
SI3000PPT-EVB SILABS-SI3000PPT-EVB Datasheet
2Mb / 24P
   EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com