Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL032D90TFE040 Datasheet(PDF) 15 Page - SPANSION

Part # S29AL032D90TFE040
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D90TFE040 Datasheet(HTML) 15 Page - SPANSION

Back Button S29AL032D90TFE040 Datasheet HTML 11Page - SPANSION S29AL032D90TFE040 Datasheet HTML 12Page - SPANSION S29AL032D90TFE040 Datasheet HTML 13Page - SPANSION S29AL032D90TFE040 Datasheet HTML 14Page - SPANSION S29AL032D90TFE040 Datasheet HTML 15Page - SPANSION S29AL032D90TFE040 Datasheet HTML 16Page - SPANSION S29AL032D90TFE040 Datasheet HTML 17Page - SPANSION S29AL032D90TFE040 Datasheet HTML 18Page - SPANSION S29AL032D90TFE040 Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
June 13, 2005 S29AL032D_00_A3
S29AL032D
13
Ad vance
Info rmat i o n
the WP#/ACC pin must not be left floating or unconnected; inconsistent behavior of the device
may result.
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby
mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the
high impedance state, independent of the OE# input.
The device enters the CMOS standby mode when the CE# and RESET# pins are both held at VCC
± 0.3 V. (Note that this is a more restricted voltage range than VIH.) If CE# and RESET# are held
at VIH, but not within VCC ± 0.3 V, the device will be in the standby mode, but the standby current
will be greater. The device requires standard access time (tCE) for read access when the device is
in either of these standby modes, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws active current until
the operation is completed.
In the DC Characteristics table, ICC3 and ICC4 represents the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically
enables this mode when addresses remain stable for tACC + 30 ns. The automatic sleep mode is
independent of the CE#, WE#, and OE# control signals. Standard address access timings provide
new data when addresses are changed. While in sleep mode, output data is latched and always
available to the system. ICC4 in DC Characteristics on page 46 represents the automatic sleep
mode current specification.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of resetting the device to reading array data. When
the system drives the RESET# pin to VIL for at least a period of tRP, the device immediately ter-
minates any operation in progress, tristates all data output pins, and ignores all read/write
attempts for the duration of the RESET# pulse. The device also resets the internal state machine
to reading array data. The operation that was interrupted should be reinitiated once the device is
ready to accept another command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET# pulse. When RESET# is held at VSS±0.3 V, the
device draws CMOS standby current (ICC4). If RESET# is held at VIL but not within VSS±0.3 V, the
standby current will be greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset
the Flash memory, enabling the system to read the boot-up firmware from the Flash memory.
If RESET# is asserted during a program or erase operation, the RY/BY# pin remains a 0 (busy)
until the internal reset operation is complete, which requires a time of tREADY (during Embedded
Algorithms). The system can thus monitor RY/BY# to determine whether the reset operation is
complete. If RESET# is asserted when a program or erase operation is not executing (RY/BY# pin
is 1), the reset operation is completed within a time of tREADY (not during Embedded Algorithms).
The system can read data tRH after the RESET# pin returns to VIH.
Refer to AC Characteristics on page 50 for RESET# parameters and to Figure 15, on page 51 for
the timing diagram.
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins are placed in
the high impedance state.


Similar Part No. - S29AL032D90TFE040

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL004D SPANSION-S29AL004D Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI010 SPANSION-S29AL004D70BAI010 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI012 SPANSION-S29AL004D70BAI012 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI013 SPANSION-S29AL004D70BAI013 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI020 SPANSION-S29AL004D70BAI020 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL032D90TFE040

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com