Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG124S15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PG124S15
Description  Fast recovery diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PG124S15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PG124S15 Datasheet HTML 1Page - List of Unclassifed Manufacturers PG124S15 Datasheet HTML 2Page - List of Unclassifed Manufacturers PG124S15 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PG124S15 (10A)
(1500V / 10A )
1
10
100
1
10
100
1000
Surge Capability
Number of Cycles at 50Hz
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
Transient Thermal Impedance
t
Time
(sec)


Similar Part No. - PG124S15

ManufacturerPart #DatasheetDescription
logo
Ningbo Leison Motor Co....
PG120-96ZY140 NINGBO-PG120-96ZY140 Datasheet
1Mb / 1P
   DC Planetary Gear Motor
logo
Powertip Technology
PG12032-D POWERTIP-PG12032-D Datasheet
77Kb / 1P
   OUTLINE DIMENSION & BLOCK
PG12032D POWERTIP-PG12032D Datasheet
81Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232 POWERTIP-PG12232 Datasheet
53Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PG124S15

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com