Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JC0BFI9U0 Datasheet(PDF) 11 Page - SPANSION

Part # S71PL129JC0BFI9U0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JC0BFI9U0 Datasheet(HTML) 11 Page - SPANSION

Back Button S71PL129JC0BFI9U0 Datasheet HTML 7Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 8Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 9Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 10Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 11Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 12Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 13Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 14Page - SPANSION S71PL129JC0BFI9U0 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
December 23, 2004 S71PL129Jxx_00_A5
11
Advance
Informatio n
Physical Dimensions
TLA064—64-ball Fine-Pitch Ball Grid Array (FBGA)
8 x 11.6 mm Package
3352 \ 16-038.22a
PACKAGE
TLA 064
JEDEC
N/A
D x E
11.60 mm x 8.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.20
PROFILE
A1
0.17
---
---
BALL HEIGHT
A2
0.81
---
0.97
BODY THICKNESS
D
11.60 BSC.
BODY SIZE
E
8.00 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
64
BALL COUNT
φb
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
A2,A3,A4,A5,A6,A7,A8,A9
DEPOPULATED SOLDER BALLS
B1,B2,B3,B4,B7,B8,B9,B10
C1,C2,C9,C10,D1,D10,E1,E10,
F1,F5,F6,F10,G1,G5,G6,G10
H1,H10,J1,J10,K1,K2,K9,K10
L1,L2,L3,L4,L7,L8,L9,L10
M2,M3,M4,M5,M6,M7,M8,M9
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
C
0.20
C
0.08
C
b
64X
6
0.08
M C
0.15
M C A B
A2
A
A1
SIDE VIEW
L
M
eD
CORNER
E1
7
SE
D1
A
B
DC
E
F
HG
10
8
9
7
5
6
4
2
3
J
K
1
eE
SD
BOTTOM VIEW
PIN A1
7
10
INDEX MARK
C
0.15
(2X)
(2X)
C
0.15
B
A
D
E
PIN A1
TOP VIEW
CORNER


Similar Part No. - S71PL129JC0BFI9U0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
S71PL129JC0 SPANSION-S71PL129JC0_06 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Similar Description - S71PL129JC0BFI9U0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com