Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE70FG Datasheet(PDF) 1 Page - SanRex Corporation

Part # PE70FG
Description  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PE70FG Datasheet(HTML) 1 Page - SanRex Corporation

  PE70FG Datasheet HTML 1Page - SanRex Corporation PE70FG Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7
PK(PD,PE)70FG
THYRISTOR MODULE
Symbol
Item
Conditions
Ratings
70
Unit
IT(AV)
*Average On-state Current
IT(RMS)
*R.M.S. On-state Current
Single phase, half wave, 180
°conduction, Tc=84℃
Single phase, half wave, 180
°conduction, Tc=84℃
ITSM
*Surge On-state Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
2 Cycle, 50/60HZ, Peak Value, non-repetitive
Value for one cycle surge current
A
110
A
1460/1600
A
10660
10
A2S
W
1
VRGM
Peak Gate Voltage (Reverse)
di/dt
Critical Rate of Rise of On-state Current
IG
=100mA,
VD
12VDRM
diG/dt
=0.1A/μs
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mounting
(M5)
Terminal
(M5)
Mass
Recommended Value 1.5-2.5
(15-25)
Recommended Value 1.5-2.5
(15-25)
Typical Value
3
W
A
10
V
5
V
100
A/
μs
−40 to +125
VISO
*Isolation Breakdown Voltage(R.M.S.)
A.C. 1minute
2500
V
−40 to +125
2.7
(28)
2.7
(28)
170
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
20
Unit
IDRM
Repetitive Peak off-state Current,max
IRRM
*Repetitive Peak Reverse Current,max
Tj
=125℃,VD=VDRM
Tj
=125℃,VD=VDRM
VTM
*On-state Voltage,max
IGT
Gate Trigger Current,max
VGD
Gate Non-Trigger Voltage,min
dv/dt
Critical Rate of Rise of off-state Voltage,min
IT
=210A
VD
=6V,IT=1A
mA
20
mA
1.6
V
50
Tj
=125℃,VD12VDRM
0.25
mA
VGT
Gate Trigger Voltage,max
VD
=6V,IT=1A
3
V
V
Tj
=125℃,VD23VDRM
Rth
(j-c)*Thermal Impedance,max
Junction to case
1000
V/
μs
0.37
℃/W
■Electrical Characteristics
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
92.
20.
0 20.
0 20.
80.
0±0.
NAME PLATE
M5×10
2.
17.
4-#110TAB
2-φ6.
Unit
A
IT(AV) 70A, IT(RMS) 110A, ITSM 1600A
di/dt 100A/
μs
dv/dt 1000V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
Internal Configurations
Power Thyristor/Diode Module PK70FG series are designed for various rectifier circuits
and power controls. For your circuit application, following internal connections and wide
voltage ratings up to 1600V are available. and electrically isolated mounting base make
your mechanical design easy.
Symbol
Item
PK70FG40
PD70FG40
PE70FG40
Ratings
PK70FG120
PD70FG120
PE70FG120
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
1200
V
480
1300
V
400
PK70FG80
PD70FG80
PE70FG80
800
960
800
1200
PK70FG160
PD70FG160
PE70FG160
1600
1700
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
*Repetitive Peak off-state Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
UL;E76102
(M)
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD


Similar Part No. - PE70FG

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
PE70FG120 SANREX-PE70FG120 Datasheet
96Kb / 2P
   THYRISTOR MODULE
PE70FG160 SANREX-PE70FG160 Datasheet
96Kb / 2P
   THYRISTOR MODULE
PE70FG40 SANREX-PE70FG40 Datasheet
96Kb / 2P
   THYRISTOR MODULE
PE70FG80 SANREX-PE70FG80 Datasheet
96Kb / 2P
   THYRISTOR MODULE
More results

Similar Description - PE70FG

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com