Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JA0BFI9Z2 Datasheet(PDF) 1 Page - SPANSION

Part # S71PL129JA0BFI9Z2
Description  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JA0BFI9Z2 Datasheet(HTML) 1 Page - SPANSION

  S71PL129JA0BFI9Z2 Datasheet HTML 1Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 2Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 3Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 4Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 5Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 6Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 7Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 8Page - SPANSION S71PL129JA0BFI9Z2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 149 page
background image
This document contains information on a product under development at Spansion, LLC. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71PL129Jxx_00
Revision A Amendment 5 Issue Date December 23, 2004
ADVANCE
INFORMATION
S71PL129JC0/S71PL129JB0/S71PL129JA0
Stacked Multi-Chip Product (MCP) Flash Memory and
pSRAM 128 Megabit (8M x 16-bit) CMOS 3.0 Volt-only
Simultaneous Operation, Page Mode Flash Memory with
64/32/16 Megabit (4M/2M/1M x 16-bit) Pseudo-Static RAM
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 to 3.1 volt
High performance
— 65ns (65ns Flash, 70ns pSRAM)
Package
— 8 x 11.6 x 1.2 mm 64 ball FBGA
Operating Temperature
— –25°C to +85°C (Wireless)
— –40°C to +85°C (Industrial)
Dual CE# Flash memory
General Description
The S71PL129J series is a product line of stacked Multi-Chip Product (MCP) pack-
ages and consists of:
One S29PL129J Flash memory die
One 16M, 32M, or 64M pSRAM
The products covered by this document are listed in the table below. For details
about their specifications, please refer to the individual constituent datasheets for
further details.
Flash Memory Density
128Mb
pSRAM
Density
64Mb
S71PL129JC0
32Mb
S71PL129JB0
16Mb
S71PL129JA0


Similar Part No. - S71PL129JA0BFI9Z2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Similar Description - S71PL129JA0BFI9Z2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com