Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV12824-8BI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61LV12824-8BI
Description  128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12824-8BI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61LV12824-8BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 13Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IS61LV12824
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
11
Rev. D
06/22/05
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
8
IS61LV12824-8B
Plastic Ball Grid Array
IS61LV12824-8BL
Plastic Ball Grid Array, Lead-free
IS61LV12824-8TQ
TQFP
10
IS61LV12824-10B
Plastic Ball Grid Array
IS61LV12824-10BL
Plastic Ball Grid Array, Lead-free
IS61LV12824-10TQ
TQFP
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IS61LV12824-8BI
Plastic Ball Grid Array
10
IS61LV12824-10BI
Plastic Ball Grid Array
IS61LV12824-10TQI
TQFP
IS61LV12824-10TQLI
TQFP, Lead-free


Similar Part No. - IS61LV12824-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-10B ISSI-IS61LV12816-10B Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816-10B ICSI-IS61LV12816-10B Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV12824-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Samsung semiconductor
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com