Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9E2G08U0M-Y Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K9E2G08U0M-Y
Description  256M x 8 Bits NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9E2G08U0M-Y Datasheet(HTML) 2 Page - Samsung semiconductor

  K9E2G08U0M-Y Datasheet HTML 1Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 2Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 3Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 4Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 5Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 6Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 7Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 8Page - Samsung semiconductor K9E2G08U0M-Y Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
FLASH MEMORY
2
K9E2G08U0M
Preliminary
GENERAL DESCRIPTION
FEATURES
• Voltage Supply : 2.7V ~ 3.6V
• Organization
- Memory Cell Array : (256M + 8,192K)bits x 8bits
- Data Register : (512 + 16)bits x 8bits
• Automatic Program and Erase
- Page Program : (512 + 16)bits x 8bits
- Block Erase : (16K + 512)Bytes
• Page Read Operation
- Page Size : (512 + 16)Bytes
- Random Access
: 15
µs(Max.)
- Serial Page Access : 50ns(Min.)
• Fast Write Cycle Time
- Program time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
256M x 8 Bits NAND Flash Memory
• Reliable CMOS Floating-Gate Technology
- Endurance
: 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Intelligent Copy-Back
• Unique ID for Copyright Protection
• Package
- K9E2G08U0M-YCB0/YIB0
48 - Pin TSOP I (12 X 20 / 0.5 mm pitch)
- K9E2G08U0M-VCB0/VIB0
48 - Pin WSOP I (12 X 17 X 0.7mm)
- K9E2G08U0M-PCB0/PIB0
48 - Pin TSOP I (12 X 20 / 0.5 mm pitch)- Pb-free Package
- K9E2G08U0M-FCB0/FIB0
48 - Pin WSOP I (12 X 17 X 0.7mm)- Pb-free Package
* K9E2G08U0M-V,F(WSOPI ),
K9E2G08U0M-Y,P(TSOP1) is the same device as except
package type.
Offered in 256Mx8bits, the K9E2G08U0M is 2Gbit with spare 64Mbit capacity. The device is offered in 3.3V Vcc. Its NAND cell pro-
vides the most cost-effective solutIon for the solid state mass storage market. A program operation can be performed in typical 200
µs
on the 528-bytes and an erase operation can be performed in typical 2ms on a 16K-bytes block. Data in the page can be read out at
50ns cycle time per byte. The I/O pins serve as the ports for address and data input/output as well as command input. The on-chip
write control automates all program and erase functions including pulse repetition, where required, and internal verification and mar-
gining of data. Even the write-intensive systems can take advantage of the K9E2G08U0M
′s extended reliability of 100K program/
erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm.
The K9E2G08U0M is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable
applications requiring non-volatility.
PRODUCT LIST
Part Number
Vcc Range
Organization
PKG Type
K9E2G08U0M-Y,P
2.7V ~ 3.6V
X8
TSOP1
K9E2G08U0M-V,F
WSOP1


Similar Part No. - K9E2G08U0M-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-F SAMSUNG-K9E2G08B0M-F Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-FCB0 SAMSUNG-K9E2G08B0M-FCB0 Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-FIB0 SAMSUNG-K9E2G08B0M-FIB0 Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-P SAMSUNG-K9E2G08B0M-P Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
More results

Similar Description - K9E2G08U0M-Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
logo
Samsung semiconductor
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com