Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV12824-10TQLI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61LV12824-10TQLI
Description  128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12824-10TQLI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61LV12824-10TQLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12824-10TQLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IS61LV12824
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. D
06/22/05
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
210
180
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
240
210
ISB1
TTL Standby Current
VCC = Max.,
Com.
70
50
mA
(TTL Inputs)
VIN = VIH or VIL, f = max.
Ind.
80
55
CE1, CE2,
≥ VIH, CE2 ≤ VIL
ISB2
CMOS Standby
VCC = Max.,
Com.
10
10
mA
Current (CMOS Inputs)
CE1, CE2
≥ VCC – 0.2V,
Ind.
20
20
CE2
≤ 0.2V, VIN ≥ VCC – 0.2V,
or VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
2 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
AC TEST LOADS
Figure 1
Figure 2
319
5 pF
Including
jig and
scope
353
OUTPUT
3.3V
OUTPUT
ZO = 50
1.5V
50


Similar Part No. - IS61LV12824-10TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-10B ISSI-IS61LV12816-10B Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816-10B ICSI-IS61LV12816-10B Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV12824-10TQLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Samsung semiconductor
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com