Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4004C1C-I10 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6R4004C1C-I10
Description  1Mx4 Bit High Speed Static RAM(5V Operating).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4004C1C-I10 Datasheet(HTML) 8 Page - Samsung semiconductor

  K6R4004C1C-I10 Datasheet HTML 1Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 2Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 3Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 4Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 5Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 6Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 7Page - Samsung semiconductor K6R4004C1C-I10 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
K6R4004C1C-C, K6R4004C1C-I, K6R4004C1C-E
CMOS SRAM
PRELIMINARY
Rev 3.0
- 8 -
March 2000
PACKAGE DIMENSIONS
Units:millimeters/Inches
#1
32-SOJ-400
#32
20.95 ±0.12
0.825 ±0.005
+0.10
MAX
21.36
0.841
0.20
-0.05
+0.004
0.008
-0.002
9.40 ±0.25
0.370 ±0.010
MAX
0.148
3.76
MIN
0.69
0.027
1.30
(
)
0.051
1.30
(
)
0.051
0.95
(
)
0.0375
+0.10
0.43
-0.05
+0.004
0.017
-0.002
+0.10
0.71
-0.05
+0.004
0.028
-0.002
1.27
0.050
#16
#17
0.004
0.10
MAX
11.18 ±0.12
0.440 ±0.005


Similar Part No. - K6R4004C1C-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4004C1D-J SAMSUNG-K6R4004C1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004C1D-JC SAMSUNG-K6R4004C1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4004C1D-JC0810 SAMSUNG-K6R4004C1D-JC0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4004C1C-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com