Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK4410 Datasheet(PDF) 2 Page - Rohm

Part # RK4410
Description  Switching (30V, 10A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RK4410 Datasheet(HTML) 2 Page - Rohm

  RK4410 Datasheet HTML 1Page - Rohm RK4410 Datasheet HTML 2Page - Rohm RK4410 Datasheet HTML 3Page - Rohm RK4410 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RK4410
Transistors
Thermal resistance (Ta=25
°C)
Rth(ch-A)
62.5
˚C / W
Symbol
Limits
Unit
Parameter
Channel to Ambient
Electrical characteristics (Ta=25
°C)
VGS=0V
f=1MHz
VDS=10V
VGS=10V
ID=5A, VDD 15V
RL=3
RGS=10
VDD=15V
VGS=10V
ID=10A
ID=10A, VGS=10V
ID=10A, VGS=4.5V
ID=10A, VGS=4V
ID=10A, VDS=10V
ID=1mA, VGS=0V
VGS=±20V, VDS=0V
VDS=30V, VGS=0V
VDS=10V, ID=1mA
µA
pF
m
S
V
µA
V
pF
pF
ns
ns
ns
ns
nC
nC
nC
30
1.0
10
9
13
15
1750
950
450
20
55
100
70
44.8
5.9
12.2
10
2.5
12
18
20
89.6
±10
Parameter
Gate-Source Leakage
Drain-Source Breakdown Voltage
Zero Gate Voltage Drain Current
Gate Threshold Voltage
Forward Transfer Admittance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Test Conditions
Unit
Min.
Typ.
Max.
IGSS
IDSS
l Yfs l∗
Ciss
Symbol
Coss
Crss
tr
tf
Qgd
Qgs
Qg
V (BR) DSS
VGS (th)
RDS (on)
td (on)
td (off)
Pulsed
Static Drain-Source On-State
Resistance
Body diode characteristics (Source-Drain Characteristics) (Ta=25
°C)
Parameter
Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
Test Conditions
V
Unit
ns
nC
Min.
240
310
Typ.
1.5
Max.
IDR=5.2A, VGS=0V
Is=5.2A, VGS=0V
di/dt=100A/
µs
VSD
trr
Qrr
Symbol
Pulsed


Similar Part No. - RK4410

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RK4410 VBSEMI-RK4410 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
RK4410TB VBSEMI-RK4410TB Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - RK4410

ManufacturerPart #DatasheetDescription
logo
Rohm
RES100N03 ROHM-RES100N03 Datasheet
44Kb / 4P
   Switching (30V, 10A)
logo
Shindengen Electric Mfg...
SF10SC3L SHINDENGEN-SF10SC3L Datasheet
549Kb / 10P
   Schottky Rectifiers (SBD) (30V 10A)
logo
E-CMOS Corporation
EC733615 E-CMOS-EC733615 Datasheet
312Kb / 6P
   -30V, -10A P-Channel MOSFET
EC733617 E-CMOS-EC733617 Datasheet
194Kb / 4P
   -30V, -10A P-Channel MOSFET
logo
Rohm
2SAR642PHZG ROHM-2SAR642PHZG Datasheet
1Mb / 9P
   For gate drive(-30V / -10A)
RRS100P03HZG ROHM-RRS100P03HZG Datasheet
2Mb / 14P
   Pch -30V -10A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
RQ3E100MN ROHM-RQ3E100MN Datasheet
612Kb / 11P
   Nch 30V 10A Power MOSFET
logo
Mospec Semiconductor
D45H2A MOSPEC-D45H2A Datasheet
86Kb / 2P
   POWER TRANSISTORS(10A,30V,60W)
logo
Shindengen Electric Mfg...
DE10P3 SHINDENGEN-DE10P3 Datasheet
668Kb / 8P
   Schottky Rectifiers (SBD) (30V 10A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com