Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21A7U2D182JW31 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM21A7U2D182JW31
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM21A7U2D182JW31 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM21A7U2D182JW31 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM21A7U2D182JW31 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
■ Specifications and Test Methods
No
1
Appearance
No defects or abnormalities.
Visual inspection.
2
Dimension
Within the specified dimensions.
Using calipers and micrometers.
3
Voltage proof
No defects or abnormalities.
Measurement Point   :
Between the terminations
Test Voltage         :
200% of the rated voltage
 (Rated voltage:DC200V,DC250V)
150% of the rated voltage
 (Rated voltage:DC500V,DC630V)
130% of the rated voltage
 (Rated voltage:DC1kV,DC2kV)
(Rated voltage(7U only):DC3.15kV)
Applied Time
:
1 to 5 s
Charge/discharge current : 50mA max.
4
Insulation Resistance(I.R.)
More than 10000MΩ or 100MΩ・μF
Measurement Point    :
Between the terminations
(Whichever is smaller)
Measurement Voltage :
DC200+/-20V(Rated voltage:DC200V)
DC250+/-25V(Rated voltage:DC250V)
DC500+/-50V
(Rated voltage:DC500V,DC630V,DC1kV,DC2kV)
(Rated voltage(7U only):DC3.15kV)
Charging Time
:
60+/-5s
Measurement Temperature: Room Temperature
5
Capacitance
Shown in Rated value.
Measurement Temperature: Room Temperature
6
Q
1000 min.
7
Temperature
5C:0+/-30 ppm/°C
(Temp.Range:+25 to +125°C)
The capacitance change should be measured after 5 min.
Characteristics
0+30/-72 ppm/°C
(Temp.Range:-55 to +25°C)
at each specified temp. stage.
of Capacitance
Capacitance value as a reference is the value in step 3.
7U:-750+/-120 ppm/°C
(Temp.Range:+25 to +125℃)
 -750+120/-347 ppm/°C (Temp.Range:-55 to +25℃)
8
Vibration
Appearance
No defects or abnormalities.
Solder the capacitor on the test substrate A shown in "Complement of Test
Capacitance
Within the specified initial value.
method”.
Q
Within the specified initial value.
Kind of Vibration
:
A simple harmonic motion
10Hz to 55Hz to 10Hz (1min)
Total amplitude
:
1.5mm
This motion should be applied for a period of 2h in each 3 mutually
perpendicular directions(total of 6h).
9
Solderability
95% of the terminations is to be soldered evenly and
Test Method
:
Solder bath method
continuously.
Flux             :
Solution of rosin ethanol 25(wt)%
Preheat
:
80℃ to 120℃ for 10s to 30s
Solder
:
Sn-3.0Ag-0.5Cu (Lead Free Solder)
Solder Temp.
:
245+/-5℃
Immersion time
:
2+/-0.5s
Immersing in speed   :
25+/-2.5mm/s.
10 Resistance
Appearance
No defects or abnormalities.
Test Method
:
Solder bath method
to
Solder
:
Sn-3.0Ag-0.5Cu (Lead Free Solder)
Soldering
Capacitance
Within +/-2% or +/-0.3pF (Whichever is larger)
Solder Temp.
:
260+/-5℃
Heat
Change
Immersion time
:
10+/-1s
Immersing in speed   :
25+/-2.5mm/s.
Q
Within the specified initial value.
Exposure Time
:
24+/-2h at room condition*.
I.R.
Within the specified initial value.
Preheat
:
GRM31 size max.: 120℃ to 150℃ for 1 min
    
GRM32 size min. : 100℃ to 120℃ for 1 min
Voltage proof No defects.
and 170℃ to 200℃ for 1 min
*Room Condition : Temperature:15 to 35°C, Relative humidity:45 to 75%, Atmosphere pressure:86 to 106kPa
Item
Specification
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Capacitance
Frequency
Voltage
C<1000pF
1.0+/-0.1Mhz
AC 0.5 to 5.0V(r.m.s)
C≥1000pF
1.0+/-0.1khz
AC 1.0+/-0.2V(r.m.s)
Step
Temperature(
C)
1
Reference Temp.+/-2
2
Min.Operating Temp. +/-3
3
Reference Temp. +/-2
4
Max.Operating Temp. +/-3
5
Reference Temp. +/-2
JEMCGS-04233D
2


Similar Part No. - GRM21A7U2D182JW31

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM21A7U2D181JW31 MURATA-GRM21A7U2D181JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM21A7U2D182JW31

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com