Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90573PFF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90573PFF
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90573PFF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90573PFF Datasheet HTML 1Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 2Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 3Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 4Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 5Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 6Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 7Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 8Page - Fujitsu Component Limited. MB90573PFF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 120 page
background image
MB90570 Series
2
s
s
s
s FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from 1/2 to 4
× oscillation (at oscillation of 4 MHz, 4 MHz to 16 MHz).
Minimum instruction execution time: 62.5 ns (at oscillation of 4 MHz, 4
× PLL clock, operation at VCC of 5.0 V)
• Maximum memory space
16 Mbytes
• Instruction set optimized for controller applications
Rich data types (bit, byte, word, long word)
Rich addressing mode (23 types)
Enhanced signed multiplication/division instruction and RETI instruction functions
Enhanced precision calculation realized by the 32-bit accumulator
• Instruction set designed for high level language (C) and multi-task operations
Adoption of system stack pointer
Enhanced pointer indirect instructions
Barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed
4-byte instruction queue
• Enhanced interrupt function
8 levels, 34 factors
• Automatic data transmission function independent of CPU operation
Extended intelligent I/O service function (EI2OS): Up to 16 channels
• Embedded ROM size and types
Mask ROM: 128 kbytes/256 kbytes
Flash ROM: 256 kbytes
Embedded RAM size:6 kbytes/10 kbytes (mask ROM)
10 kbytes (flash memory)
10 kbytes (evaluation device)
• Low-power consumption (standby) mode
Sleep mode (mode in which CPU operating clock is stopped)
Stop mode (mode in which oscillation is stopped)
CPU intermittent operation mode
Hardware standby mode
•Process
CMOS technology
• I/O port
General-purpose I/O ports (CMOS): 63 ports
General-purpose I/O ports (with pull-up resistors): 24 ports
General-purpose I/O ports (open-drain): 10 ports
Total: 97 ports
•Timer
Timebase timer/watchdog timer: 1 channel
8/16-bit PPG timer: 8-bit
× 2 channels or 16-bit × 1 channel
• 8/16-bit up/down counter/timer: 1 channel (8-bit
× 2 channels)
(Continued)


Similar Part No. - MB90573PFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90573PFF FUJITSU-MB90573PFF Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90573PFF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com