Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QF20AA40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # QF20AA40
Description  TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

QF20AA40 Datasheet(HTML) 1 Page - SanRex Corporation

  QF20AA40 Datasheet HTML 1Page - SanRex Corporation QF20AA40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
61
QF20AA40/60
TRANSISTOR MODULE THREE PHASES BRIDGE TYPE
Maximum Ratings
Tj
25
Electrical Characteristics
Tj
25
Symbol
Item
Conditions
Ratings
QF20AA40 QF20AA60
Unit
VCBO
Collector-Base Voltage
400
600
V
VCEX
Collector-Emitter Voltage
VBE
2V
400
600
V
Emitter-Base Voltage
V
VEBO
10
IC
Collector Current
=pw
1ms
20
40
A
IC
Reverse Collector Current
20
A
IB
Base Current
2
A
PT
Total power dissipation
TC
25
160
W
Tj
Junction Temperature
40
150
Tstg
Storage Temperature
40
125
VISO
Isolation Voltage
A.C.1minute
2500
V
Mounting Torque
M5
Recommended Value 1.5
2.5
15
25
2.7
28
N m
f B
Mass
Typical Value
95
g
Unit
A
Symbol
Item
Conditions
Ratings
Min.
Max.
1.0
200
75
100
2.0
2.5
1.0
12.0
2.0
1.6
0.8
2.2
Unit
ICBO
Collector Cut-off Current
VCB
VCBO
mA
IEBO
Emitter Cut-off Current
VEB
VEBO
mA
300
VCEO SUS
Collector Emitter
Sustaning Voltage
QF20AA40
QF20AA60
QF20AA40
QF20AA60
Ic
1A
V
450
400
VCEX SUS
Ic
4A
IB2
1A
V
600
hFE
DC Current Gain
Ic
20A
VCE
2V
Ic
20A
VCE
5V
VCE(sat)
Collector-Emitter Saturation Voltage
Ic
20A
IB
0.27A
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic
20A
IB
0.27A
V
s
V
/W
ton
On Time
Storage Time
Fall Time
Transistor part
Diode part
ts
tf
Vcc
300V
Ic
20A
IB1
0.5A
IB2
0.5A
Ic
20A
VECO
Rth(j-c)
Switching
Time
Collector-Emitter Reverse Voltage
Thermal Impedance
(junction to case)
QF20AA is six pack Darlington power transistor module which has six transistors
connected in three phase bridge configuraction. Each transistor has a reverse paralleled
fast recovery diode. The mounting base of the module is electrically isolated from
semiconductor elements for simple heatsink construction,
IC
20A, VCEX
400/600V
Low saturation voltage for higher efficiency.
High DC current gain hFE
Isolated mounting base
VEBO 10V for faster switching speed.
Applications
Motor Control
VVVF , AC Servo, UPS


Similar Part No. - QF20AA40

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QF20-0-0050-06 VECTRON-QF20-0-0050-06 Datasheet
35Kb / 1P
   Environment conditions: Corresponding to Vectron standard CF001
logo
Yantel Corporation
QF2060Q06A YANTEL-QF2060Q06A Datasheet
3Mb / 12P
   Quadrifilar Directional Coupler 1520 MHz-2600 MHz
More results

Similar Description - QF20AA40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QF50AA60 ETC1-QF50AA60 Datasheet
87Kb / 2P
   TRANSISTOR MODULE (THREE PHASES BRIDGE TYPE)
QF15AA60 ETC-QF15AA60 Datasheet
496Kb / 2P
   TRANSISTOR MODULE THREE PHASES BRIDGE TYPE
logo
Inchange Semiconductor ...
6RI100G-120 ISC-6RI100G-120 Datasheet
252Kb / 2P
   Three Phases Bridge Module
PSD62-12 ISC-PSD62-12 Datasheet
274Kb / 2P
   Three Phases Bridge Module
SKD25-16 ISC-SKD25-16 Datasheet
305Kb / 2P
   Three Phases Bridge Module
6RI50E-060 ISC-6RI50E-060 Datasheet
274Kb / 2P
   Three Phases Bridge Module
logo
SanRex Corporation
DF50BA40 SANREX-DF50BA40 Datasheet
96Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF100LA80 SANREX-DF100LA80 Datasheet
103Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF150AA120 SANREX-DF150AA120 Datasheet
96Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
DF100LA SANREX-DF100LA Datasheet
100Kb / 2P
   DIODE(THREE PHASES BRIDGE TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com