Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5504DC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI5504DC
Description  Complementary 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504DC Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5504DC Datasheet HTML 1Page - Vishay Siliconix SI5504DC Datasheet HTML 2Page - Vishay Siliconix SI5504DC Datasheet HTML 3Page - Vishay Siliconix SI5504DC Datasheet HTML 4Page - Vishay Siliconix SI5504DC Datasheet HTML 5Page - Vishay Siliconix SI5504DC Datasheet HTML 6Page - Vishay Siliconix SI5504DC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si5504DC
Vishay Siliconix
Document Number: 71056
S-21251—Rev. B, 05-Aug-02
www.vishay.com
2-1
Complementary 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.085 @ VGS = 10 V
"3.9
N-Channel
30
0.143 @ VGS = 4.5 V
"3.0
0.165 @ VGS = -10 V
"2.8
P-Channel
-30
0.290 @ VGS = -4.5 V
"2.1
Bottom View
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
1206-8 ChipFET
S1
G1
S2
G2
D1
D1
D2
D2
1
Marking Code
EA
XX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si5504DC-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
N-Channel
P-Channel
Parameter
Symbol
5 secs
Steady State
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
-30
Gate-Source Voltage
VGS
"20
V
_
TA = 25_C
"3.9
"2.9
"2.8
"2.1
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
"2.8
"2.1
"2.0
"1.5
Pulsed Drain Current
IDM
"10
A
Continuous Source Current (Diode Conduction)a
IS
1.8
0.9
-1.8
-0.9
TA = 25_C
2.1
1.1
2.1
1.1
Maximum Power Dissipationa
TA = 85_C
PD
1.1
0.6
1.1
0.6
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 5 sec
50
60
Maximum Junction-to-Ambienta
Steady State
RthJA
90
110
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
30
40
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET/PowerPAK is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the
singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder
interconnection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Similar Part No. - SI5504DC

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI5504DC KEXIN-SI5504DC Datasheet
2Mb / 7P
   Complementary power Trench MOSFET
logo
Vishay Siliconix
SI5504DC VISHAY-SI5504DC Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
More results

Similar Description - SI5504DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI5504DC KEXIN-KI5504DC Datasheet
70Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
72173 VISHAY-72173 Datasheet
87Kb / 8P
   Complementary 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com