Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA31142 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TA31142
Description  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31142 Datasheet(HTML) 1 Page - Unisonic Technologies

  TA31142 Datasheet HTML 1Page - Unisonic Technologies TA31142 Datasheet HTML 2Page - Unisonic Technologies TA31142 Datasheet HTML 3Page - Unisonic Technologies TA31142 Datasheet HTML 4Page - Unisonic Technologies TA31142 Datasheet HTML 5Page - Unisonic Technologies TA31142 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UTCTA31142
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R103-015,A
LOW POWER IF RECEIVER IC
DESCRIPTION
The UTC TA31142 is a low power IF receiver IC
and
is
suitable
for
use
as
the
second
IF
downconverter in double-conversion paging systems.
It is well-suited for POCSAG paging applications and
incorporates a 2-level FSK demodulator consisting of
a quadrature FM demodulator, on-chip bit-rate filter,
and 1-bit comparator. An on-chip 1V regulator is
provided for convenient biasing of off-chip circuitry.
FEATURES
*Extremely low power operation with power-down
feature
*Built-in crystal oscillator for mixer local oscillator
*Mixer input frequency: 10-50 MHz
*Quadrature detector
*On-chip bit-rate filter
*Audio output
*1-bit comparator with open collector output
*1V regulator
*1.1V low battery alarm
TSSOP-20
PIN CONFIGURATIONS
OSCIN
1
2
3
4
5
6
7
8
9
10
OSCOUT
MIXOUT
VCC
IFIN
DEC
FSKREF
QUAD
IFOUT
AFOUT
LPFIN
11
12
13
14
15
16
17
18
19
20
LPFOUT
BS
CHARGE
FSKOUT
ALM
REGCON
VSS
REGOUT
MIXIN


Similar Part No. - TA31142

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TA31142 MURATA1-TA31142 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
Toshiba Semiconductor
TA31142FNG TOSHIBA-TA31142FNG Datasheet
510Kb / 13P
   FM IF DETECTION IC FOR PAGER(BUILT-IN 2ND MIX)
More results

Similar Description - TA31142

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com