Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP08CL596 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP08CL596
Description  LOW VOLTAGE 8-BIT CONSTANT CURRENT LED SINK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CL596 Datasheet(HTML) 3 Page - STMicroelectronics

  STP08CL596 Datasheet HTML 1Page - STMicroelectronics STP08CL596 Datasheet HTML 2Page - STMicroelectronics STP08CL596 Datasheet HTML 3Page - STMicroelectronics STP08CL596 Datasheet HTML 4Page - STMicroelectronics STP08CL596 Datasheet HTML 5Page - STMicroelectronics STP08CL596 Datasheet HTML 6Page - STMicroelectronics STP08CL596 Datasheet HTML 7Page - STMicroelectronics STP08CL596 Datasheet HTML 8Page - STMicroelectronics STP08CL596 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
STP08CL596
3/16
Table 5: Thermal Data
Table 6: Recommended Operating Conditions
Table 7: Electrical Characteristics (VDD=3V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
DIP-16
SO-16
TSSOP16
Unit
Rthj-amb
Thermal Resistance Junction-ambient
90
125
140
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
15
120
mA
IOH
Output Current
SERIAL-OUT
+1
mA
IOL
Output Current
SERIAL-OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
/LE Pulse Width
VDD = 3.0 to 3.6V
20
ns
twCLK
CLK Pulse Width
20
ns
twEN
/OE Pulse Width
400
ns
tSETUP(D) Setup Time for DATA
20
ns
tHOLD(D)
Hold Time for DATA
15
ns
tSETUP(L) Setup Time for LATCH
15
ns
fCLK
Clock Frequency
Cascade Operation
25
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial-OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial-OUT) IOH = -1mA
VDD-0.4V
V
IOL1
Output Current
VO = 0.7V REXT = 910 Ω
20.0
20.1
20.3
mA
IOL2
VO = 0.7V REXT = 360 Ω
49.7
50.2
50.7
mA
∆IOL1
Output Current Error
between bit (All Output ON)
VO = 0.7V REXT = 910 Ω
± 3
%
∆IOL2
VO = 0.7V REXT = 360 Ω
± 3
%
RSIN(up)
Pull-up Resistor
150
300
600
K
RSIN(down) Pull-down Resistor
100
200
400
K
IDD(OFF1) Supply Current (OFF)
REXT = OPEN
OUT 0 to 7 = OFF
0.3
0.6
mA
IDD(OFF2)
REXT = 470 Ω
OUT 0 to 7 = OFF
5.5
7.7
IDD(OFF3)
REXT = 250 Ω
OUT 0 to 7 = OFF
10.1
14.1
IDD(ON1)
Supply Current (ON)
REXT = 470 Ω
OUT 0 to 7 = ON
5.5
7.7
IDD(ON2)
REXT = 250 Ω
OUT 0 to 7 = ON
10.1
14.1


Similar Part No. - STP08CL596

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Similar Description - STP08CL596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
STP16CL596 STMICROELECTRONICS-STP16CL596 Datasheet
558Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
STP16CP05 STMICROELECTRONICS-STP16CP05 Datasheet
571Kb / 26P
   Low voltage 16-Bit constant current LED sink driver
STAP16DPPS05 STMICROELECTRONICS-STAP16DPPS05 Datasheet
997Kb / 33P
   Low voltage 16-bit constant current LED sink driver
STAP16DPS05 STMICROELECTRONICS-STAP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver
November 2015 Rev 6
logo
List of Unclassifed Man...
STP16CP596 ETC1-STP16CP596 Datasheet
622Kb / 18P
   LOW VOLTAGE 16-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com