Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC180AN Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180AN
Description  LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LBC180AN Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LBC180AN Datasheet HTML 4Page - Texas Instruments SN65LBC180AN Datasheet HTML 5Page - Texas Instruments SN65LBC180AN Datasheet HTML 6Page - Texas Instruments SN65LBC180AN Datasheet HTML 7Page - Texas Instruments SN65LBC180AN Datasheet HTML 8Page - Texas Instruments SN65LBC180AN Datasheet HTML 9Page - Texas Instruments SN65LBC180AN Datasheet HTML 10Page - Texas Instruments SN65LBC180AN Datasheet HTML 11Page - Texas Instruments SN65LBC180AN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN65LBC180A, SN75LBC180A
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SLLS378C − MAY 2000 − REVISED JUNE 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
Output
RL = 110 Ω
5 V
S1
50
0 V
VOLTAGE WAVEFORMS
5 V
VOL
0.5 V
tPZL
3 V
0 V
tPLZ
2.3 V
1.5 V
Output
Input
CL = 50 pF
(see Note B)
Generator
(see Note A)
1.5 V
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.
Figure 5. Driver Test Circuit and Voltage Waveforms
VO
VID
IO
Figure 6. Receiver VOH and VOL
50
CL = 10 pF
(see Note B)
Output
1.5 V
0 V
TEST CIRCUIT
VOLTAGE WAVEFORMS
1.5 V
3 V
0 V
Input
Output
1.3 V
VOH
VOL
tPHL
tPLH
Input
Generator
(see Note A)
1.5 V
1.3 V
tf
tr
90%
10%
NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO =50 Ω.
B. CL includes probe and jig capacitance.
Figure 7. Receiver Test Circuit and Voltage Waveforms


Similar Part No. - SN65LBC180AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180AN TI1-SN65LBC180AN Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A_15 Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com