Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC384DP-5G4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC384DP-5G4
Description  LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC384DP-5G4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC384DP-5G4 Datasheet HTML 1Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 2Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 3Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 4Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 5Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 6Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 7Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 8Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UCC284–5, UCC284–12, UCC284–ADJ, UCC384–5, UCC384–12, UCC384–ADJ
LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
SLUS234D – JANUARY 2000 – REVISED FEBRUARY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics TA = 0°C to 70°C for the UCC384 and –40°C to 85°C for the UCC284,
VIN = VOUT – 1.5 V, IOUT = 0 mA, COUT = 4.7 µF, and CT = 0.015 µF. For UCC384–ADJ, VOUT is set
to –3.3V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UCC384–12 Fixed –12 V-0.5-A Power Supply Section (continued)
Shutdown threshold
At shutdown pin (SD/CT)
–1.0
–0.7
–0.4
V
Shutdown input current
SD/CT = 0 V
5
10
25
µA
Output leakage in shutdown
VIN = –15 V,
VOUT = 0 V,
See Note 3
1
50
µA
Overtemperature shutdown
140
°C
Overtemperature hysteresis
20
°C
UCC384–12 Fixed –12-V 0.5-A Current Limit Section
Peak current limit
VOUT = 0 V
0.7
1.1
1.5
A
Overcurrent threshold
0.55
0.7
0.9
A
Current limit duty cycle
VOUT = 0 V
2.5
4
%
Overcurrent time out, tON
VOUT = 0 V
300
500
700
µs
UCC384–ADJ Adjustable 0.5-A Regulation Section
Reference voltage
TA = 25°C
–1.27
–1.25
–1.23
V
Reference voltage
Over temperature
–1.275
–1.215
V
Line regulation
VIN = –3.5 V to –15 V,
VOUT = VOUTS
0.5
3
mV
Load regulation
IOUT = 0 mA to 0.5 A
0.1
0.18
%
Output noise voltage
BW = 10 Hz to 10 kHz,
TA = 25°C
200
µVRMS
Dropout voltage VOUT
VIN
IOUT 0.5 A,
VOUT = –3.15 V
0.25
0.5
V
Dropout voltage, VOUT – VIN
IOUT 50 mA,
VOUT = –3.15 V
25
50
mV
Sense pin input current
100
250
nA
UCC384–ADJ Adjustable 0.5-A Power Supply Section
Input voltage range
–15
–3.5
V
Undervoltage lockout
–3.2
–2.95
–2.7
V
Quiescent current charge pump on
VIN = –3.15 V,
See Note 1
200
350
µA
Quiescent current
VIN = –15 V
200
250
µA
Quiescent current in shutdown
VIN = –13 V,
SD/CT = 0 V
TA = 0°C to 85°C, See Note 2
15
45
µA
Quiescent current in shutdown
VIN = –13 V,
SD/CT = 0 V
TA = –40°C to 0°C, See Note 2
100
µA
Shutdown threshold
At shutdown pin (SD/CT)
–1.0
–0.7
–0.4
V
Shutdown input current
SD/CT = 0V
5
10
25
µA
Output leakage in shutdown
VIN = –15V,
VOUT = 0 V,
See Note 3
1
50
µA
Overtemperature shutdown
140
°C
Overtemperature hysteresis
20
°C
UCC384–ADJ Adjustable 0.5-A Current Limit Section
Peak current limit
VOUT = 0 V
0.7
1.1
1.5
A
Overcurrent threshold
0.55
0.7
0.9
A
Current limit duty cycle
VOUT = 0 V
2.5
4
%
Overcurrent time out, tON
VOUT = 0 V
300
500
700
µs
NOTES:
1. The internal charge pump is enabled only for dropout condition with low VIN. Only in this condition is the charge pump required to
provide additional output FET fate drive to maintain dropout specifications. For conditions where the charge pump is not required,
it is disabled, which lowers overall device power consumption.
2. Ensured by design. Not production tested.
3. In the application during shutdown mode, output leakage current adds to quiescent current.


Similar Part No. - UCC384DP-5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC384DP-ADJ TI1-UCC384DP-ADJ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - UCC384DP-5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP Datasheet
461Kb / 20P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com