Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC384DP-5G4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC384DP-5G4
Description  LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC384DP-5G4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC384DP-5G4 Datasheet HTML 1Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 2Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 3Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 4Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 5Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 6Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 7Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 8Page - Texas Instruments UCC384DP-5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UCC284–5, UCC284–12, UCC284–ADJ, UCC384–5, UCC384–12, UCC384–ADJ
LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
SLUS234D – JANUARY 2000 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Precision Negative Series Pass Voltage
Regulation
D 0.2 V Dropout at 0.5 A
D Wide Input Voltage Range –3.2 V to –15 V
D Low Quiescent Current Irrespective of Load
D Simple Logic Shutdown Interfacing
D –5 V, –12 V, and Adjustable Output
D 2.5% Duty Cycle Short Circuit Protection
description
The UCC384-x family of negative linear-series pass regulators is tailored for low-dropout applications where
low-quiescent power is important. Fabricated with a BCDMOS technology ideally suited for low input-to-output
differential applications, the UCC384-x passes 0.5 A while requiring only 0.2 V of input-voltage headroom.
Dropout voltage decreases linearly with output current, so that dropout at 50 mA is less than 20 mV.
Quiescent current consumption for the device under normal (non-dropout) conditions is typically 200
µA. An
integrated charge pump is internally enabled only when the device is operating near dropout with low VIN. This
ensured that the device meets the dropout specifications even for maximum load current and a VIN of –3.2 V
with only a modest increase in quiescent current. Quiescent current is always less than 350
µA, with the charge
pump enabled. The quiescent current of the UCC384 does not increase with load current.
Short-circuit current is internally limited. The device responds to a sustained overcurrent condition by turning
off after a tON delay. The device then stays off for a period, tOFF, that is 40 times the tON delay. The device then
begins pulsing on and off at the tON/tOFF duty cycle of 2.5%. This drastically reduces the power dissipation during
short circuit such that heat sinking, if at all required, must only accommodate normal operation. An external
capacitor sets the on time. The off time is always 40 times tON.
The UCCx84-x can be shutdown to 45
µA (maximum) by pulling the SD/CT pin more positive than –0.7 V. To
allow for simpler interfacing, the SD/CT pin may be pulled up to 6 V above the ground pin without turning on
clamping diodes.
Internal power dissipation is further controlled with thermal-overload protection circuitry. Thermal shutdown
occurs if the junction temperature exceeds 140
°C. The chip remains off until the temperature has dropped 20°C
(TJ = 120°C).
AVAILABLE OPTIONS
TA
OUTPUT VOLTAGE (V)
PACKAGE DEVICES
TA
TYP
(SOIC) DP
–5
UCC284DP–5
–40
°C to 85°C
–12
UCC284DP–12
40 C to 85 C
ADJ
UCC284DP–ADJ
–5
UCC384DP–5
0
°C to 70°C
–12
UCC384DP–12
ADJ
UCC384DP–ADJ
† All package types are available taped and reeled. Add TR suffix to device type
(e.g. UCC284DP–5TR) to order quantities of 3000 devices per reel.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DP PACKAGE
(FRONT VIEW)
VIN
VIN
SD/CT
VOUT
VIN
VOUTS
VIN
GND
1
2
3
4
8
7
6
5


Similar Part No. - UCC384DP-5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC384DP-ADJ TI1-UCC384DP-ADJ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - UCC384DP-5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC284-EP TI-UCC284-EP_15 Datasheet
622Kb / 21P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284-EP TI-UCC284-EP Datasheet
461Kb / 20P
[Old version datasheet]   LOW-DROPOUT 0.5-A NEGATIVE LINEAR REGULATOR
UCC284- TI-UCC284- Datasheet
182Kb / 10P
[Old version datasheet]   Low Dropout 0.5A Negative Linear Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Maxim Integrated Produc...
MAX1735 MAXIM-MAX1735 Datasheet
348Kb / 10P
   200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23
19-1783; Rev 0; 7/00
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_07 Datasheet
135Kb / 16P
   1.5 A Low Dropout Linear Regulator
February, 2007 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com