Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS79930DDCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS79930DDCT
Description  200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79930DDCT Datasheet(HTML) 4 Page - Texas Instruments

  TPS79930DDCT Datasheet HTML 1Page - Texas Instruments TPS79930DDCT Datasheet HTML 2Page - Texas Instruments TPS79930DDCT Datasheet HTML 3Page - Texas Instruments TPS79930DDCT Datasheet HTML 4Page - Texas Instruments TPS79930DDCT Datasheet HTML 5Page - Texas Instruments TPS79930DDCT Datasheet HTML 6Page - Texas Instruments TPS79930DDCT Datasheet HTML 7Page - Texas Instruments TPS79930DDCT Datasheet HTML 8Page - Texas Instruments TPS79930DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS79901, TPS79915, TPS79916, TPS79918
TPS79925, TPS79927, TPS79928, TPS799285
TPS79929, TPS79930, TPS79932, TPS79933
SBVS056C – JANUARY 2005 – REVISED MAY 2005
Over operating temperature range (T
J = – 40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA,
V
EN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS79901, VOUT = 3.0V.
Typical values are at T
J = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
VFB
Internal reference (TPS79901)
1.169
1.193
1.217
V
VOUT
Output voltage range (TPS79901)
VFB
6.5-VDO
V
VOUT
Output accuracy
Nominal
TJ = +25°C
-1.0
+1.0
%
Over VIN,
VOUT + 0.3V ≤ VIN ≤ 6.5V
VOUT
Output accuracy(1)
-2.0
±1.0
+2.0
%
IOUT, Temp
500µA
≤ I
OUT ≤ 200mA
∆V
OUT%/ ∆VIN
Line regulation(1)
VOUT(NOM) + 0.3V ≤ VIN≤ 6.5V
0.02
%/V
∆V
OUT%/ ∆IOUT
Load regulation
500µA
≤ I
OUT≤ 200mA
0.002
%/mA
Dropout voltage(2)
VDO
VOUT < 3.3V IOUT = 200mA
100
175
mV
(VIN = VOUT(NOM) - 0.1V)
Dropout voltage
VDO
VOUT≥ 3.3V
IOUT = 200mA
90
160
mV
(VIN = VOUT(NOM) - 0.1V)
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
200
400
600
mA
IGND
Ground pin current
500µA
≤ I
OUT ≤ 200mA
40
60
µA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V, 2.7V ≤ VIN ≤ 6.5V
0.15
1.0
µA
IFB
Feedback pin current (TPS79901)
-0.5
0.5
µA
f = 100Hz
70
dB
Power-supply rejection ratio
f = 1kHz
66
dB
PSRR
VIN = 3.85V, VOUT = 2.85V,
f = 10kHz
51
dB
CNR = 0.01µF, IOUT = 100mA
f = 100kHz
38
dB
CNR = 0.01µF
29.5
µVRMS
Output noise voltage
VN
BW = 10Hz – 100kHz, VOUT = 2.8V
CNR = none
263
µVRMS
CNR = 0.001µF
45
µs
Startup time
CNR = 0.047µF
45
µs
TSTR
VOUT = 2.85V,
CNR = 0.01µF
50
µs
RL = 14Ω, COUT = 2.2µF
CNR = none
50
µs
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5V
0.03
1.0
µA
Shutdown, temperature increasing
165
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
145
°C
TJ
Operating junction temperature
-40
+125
°C
Under voltage lockout
VIN rising
1.90
2.20
2.50
V
UVLO
Hysteresis
VIN falling
70
mV
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V.
4


Similar Part No. - TPS79930DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79930DDCT TI-TPS79930DDCT Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79930DDCT TI-TPS79930DDCT Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79930DDCT TI-TPS79930DDCT Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79930DDCT TI-TPS79930DDCT Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79930DDCT TI-TPS79930DDCT Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Similar Description - TPS79930DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com