Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSE128K16-42H1M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WSE128K16-42H1M
Description  128KX16 SRAM/EEPROM MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WSE128K16-42H1M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WSE128K16-42H1M Datasheet HTML 1Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 2Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 3Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 4Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 5Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 6Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 7Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 8Page - List of Unclassifed Manufacturers WSE128K16-42H1M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
WSE128K16-XXX
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
128KX16 SRAM/EEPROM MODULE PRELIMINARY*
FEATURES
s Access Times of 35ns (SRAM) and 150ns (EEPROM)
s Access Times of 45ns (SRAM) and 120ns (EEPROM)
s Access Times of 70ns (SRAM) and 300ns (EEPROM)
s Packaging
• 66 pin, PGA Type, 1.075" square HIP, Hermetic Ceramic
HIP (H1) (Package 400)
• 68 lead, Hermetic CQFP (G2T), 22mm (0.880") square
(Package 509). Designed to fit JEDEC 68 lead 0.990" CQFJ
footprint (Fig. 2)
s 128Kx16 SRAM
s 128Kx16 EEPROM
s Organized as 128Kx16 of SRAM and 128Kx16 of EEPROM
Memory with separate Data Buses
s Both blocks of memory are User Configurable as 256Kx8
s Low Power CMOS
s Commercial, Industrial and Military Temperature Ranges
s TTL Compatible Inputs and Outputs
s Built-in Decoupling Caps and Multiple Ground Pins for
Low Noise Operation
s Weight - 13 grams typical
EEPROM MEMORY FEATURES
s Write Endurance 10,000 Cycles
s Data Retention at 25
°C, 10 Years
s Low Power CMOS Operation
s Automatic Page Write Operation
s Page Write Cycle Time 10ms Max.
s Data Polling for End of Write Detection
s Hardware and Software Data Protection
s TTL Compatible Inputs and Outputs
* This data sheet describes a product under development, not fully
characterized, and is subject to change without notice.
EWE ECS
E WE ECS
SWE SCS
128K x 8
SRAM
8
SD 0-7
1
1
128K x 8
SRAM
8
SD 8-15
2
2
128K x 8
EEPROM
8
ED 0-7
1
1
128K x 8
EEPROM
8
ED 8-15
2
2
A 0- 16
OE
SWE SCS
BLOCK DIAGRAM
PIN DESCRIPTION
ED0-15
EEPROM Data Inputs/Outputs
SD0-15
SRAM Data Inputs/Outputs
A0-16
Address Inputs
SWE1-2
SRAM Write Enable
SCS1-2
SRAM Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
EWE1-2
EEPROM Write Enable
ECS1-2
EEPROM Chip Select
SD8
SD9
SD10
A13
A14
A15
A16
NC
SD0
SD1
SD2
SWE2
SCS2
GND
SD11
A10
A11
A12
VCC
SCS1
NC
SD3
SD15
SD14
SD13
SD12
OE
NC
SWE1
SD7
SD6
SD5
SD4
ED8
ED9
ED10
A6
A7
NC
A8
A9
ED0
ED1
ED2
VCC
ECS2
EWE2
ED11
A3
A4
A5
EWE1
ECS1
GND
ED3
ED15
ED14
ED13
ED12
A0
A1
A2
ED7
ED6
ED5
ED4
11
22
33
44
55
66
1
12
23
34
45
56
TOP VIEW
FIG.1
PIN CONFIGURATION FOR WSE128K16-XH1X
May 2001, Rev. 4


Similar Part No. - WSE128K16-42H1M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-42H1M WEDC-WSE128K16-42H1M Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WSE128K16-42H1MA WEDC-WSE128K16-42H1MA Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
More results

Similar Description - WSE128K16-42H1M

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
BQ4024 ETC1-BQ4024 Datasheet
433Kb / 12P
   128Kx16 Nonvolatile SRAM
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
Austin Semiconductor
AS8E512K8 AUSTIN-AS8E512K8_05 Datasheet
150Kb / 13P
   512K x 8 EEPROM EEPROM Module
AS8E512K8 AUSTIN-AS8E512K8 Datasheet
157Kb / 13P
   512K x 8 EEPROM EEPROM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com