Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8315 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8315
Description  50 dB GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315 Datasheet(HTML) 5 Page - Analog Devices

  AD8315 Datasheet HTML 1Page - Analog Devices AD8315 Datasheet HTML 2Page - Analog Devices AD8315 Datasheet HTML 3Page - Analog Devices AD8315 Datasheet HTML 4Page - Analog Devices AD8315 Datasheet HTML 5Page - Analog Devices AD8315 Datasheet HTML 6Page - Analog Devices AD8315 Datasheet HTML 7Page - Analog Devices AD8315 Datasheet HTML 8Page - Analog Devices AD8315 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. B
–5–
AD8315
RF INPUT AMPLITUDE – dBV
4
–4
–80
0
–70
–50
–40
–30
–20
–10
2
0
–1
–2
–3
3
1
–60
(+3dBm)
(–47dBm)
–30 C
+85 C
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 7. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side
of Mean, 0.1 GHz
RF INPUT AMPLITUDE – dBV
4
–4
–80
0
–70
–50
–40
–30
–20
–10
2
0
–1
–2
–3
3
1
–60
30 C
85 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 8. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side
of Mean, 0.9 GHz
FREQUENCY – GHz
3000
2700
0
0
2.5
0.5
1
1.5
2
1800
900
600
300
2400
2100
1200
1500
0
–200
–2000
–800
–1400
–1600
–1800
–400
–600
–1200
–1000
R
X
FREQUENCY
(GHz)
0.1
0.9
1.9
2.5
R –
2700 –
730 –
460 –
440 –
jX
j1500
j220
j130
j110
R –
2900 –
700 –
130 –
170 –
jX
j1900
j240
j80
j70
MSOP Chip Scale (LFCSP)
R (LFCSP)
R (MSOP)
X (LFCSP)
X (MSOP)
TPC 9. Input Impedance
RF INPUT AMPLITUDE – dBV
4
–4
–80
0
–70
–50
–40
–30
–20
–10
2
0
–1
–2
–3
3
1
–60
–30 C
+85 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
TPC 10. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side of
Mean, 1.9 GHz
RF INPUT AMPLITUDE – dBV
4
–4
–80
0
–70
–50
–40
–30
–20
–10
2
0
–1
–2
–3
3
1
–60
–30 C
(+3dBm)
(–47dBm)
ERROR AT +85 C AND –30 C
BASED ON DEVIATION FROM
SLOPE AND INTERCEPT AT +25 C
+85 C
TPC 11. Distribution of Error at Temperature after Ambient
Normalization vs. Input Amplitude, 3 Sigma to Either Side of
Mean, 2.5 GHz
VENBL – V
10
8
0
1.3
6
4
2
1.4
1.5
1.6
1.7
DECREASING
VENBL
INCREASING
VENBL
TPC 12. Supply Current vs. VENBL


Similar Part No. - AD8315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8315-EVAL AD-AD8315-EVAL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACHIPS AD-AD8315ACHIPS Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
More results

Similar Description - AD8315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com