Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8315ACP-EVAL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8315ACP-EVAL
Description  50 dB GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ACP-EVAL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8315ACP-EVAL Datasheet HTML 7Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 8Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 9Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 10Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 11Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 12Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 13Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 14Page - Analog Devices AD8315ACP-EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. B
AD8315
–11–
Check: The power range is 50 dB, which should correspond
to a voltage change in VSET of 50 dB
¥ 24 mV/dB = 1.2 V,
which agrees.
Now, the value of VAPC is of interest, although it is a dependent
parameter, inside the loop. It depends on the characteristics of
the power amplifier, and the value of the carrier amplitude VCW.
Using the control values derived above, that is, GO = 0.316 and
VGBC = 1 V, and assuming the applied power is fixed at –7 dBm
(so VCW = 100 mV rms), the following is true using Equation 11:
VV
V
V
kG V
V
V
V
APC
SET
GBC
SLP
O
CW
Z
()
(
)/
– log
/
(.
)/ .
– log( .
.
. /
)
.–.
.
max
=
¥
¥
==
10
10
1441 0480 0316
0 316
0 1 316
30
05
25
m
(15)
VV
V
V
kG V
V
V
zero
APC
SET
GBC
SLP
O
CW
Z
()
(
)/
– log
/
(.
)/ .
– log (.
.
. /
)
.– .
min
=
¥
¥
==
10
10
0241 0480 0316
0 316
0 1 316
05
05
m
(16)
both of which results are consistent with the assumptions made
about the amplifier control function. Note that the second term
is independent of the delivered power and a fixed function of
the drive power.
RF PA
DIRECTIONAL COUPLER
VRF
VCW
RF DRIVE: UP
TO 2.5GHz
AD8315
VSET
VIN = kVRF
CFLT
RESPONSE-SHAPING
OF OVERALL CONTROL-
LOOP (EXTERNAL CAP)
VAPC
Figure 4. Idealized Control Loop for Analysis
Finally, using the loop time constant for these parameters and
an illustrative value of 2 nF for the filter capacitor CFLT:
TV
V
T
snF
s
OGBC
SLP
=
=
(/
)
(/ .
) .
(
)
.
10 48 3 072
12 8
mm
(17)
Practical Loop
At the present time, power amplifiers, or VGAs preceding such
amplifiers, do not provide an exponential gain characteristic. It
follows that the loop dynamics (the effective time constant) will
vary with the setpoint, since the exponential function is unique
in providing constant dynamics. The procedure must, therefore,
be as follows. Beginning with the curve usually provided for the
power output versus the APC voltage, draw a tangent at the
point on this curve where the slope is highest (see Figure 5).
Using this line, calculate the effective minimum value of the
variable VGBC and use it in Equation 17 to determine the time
constant. Note that the minimum in VGBC corresponds to the
maximum rate of change in the output power versus VAPC.
For example, suppose it is found that, for a given drive power,
the amplifier generates an output power of P1 at VAPC = V1 and
P2 at VAPC = V2. Then, it is readily shown that:
VV
V
P
P
GBC
= 20 21
2
1
(–
)/(–
)
(18)
This should be used to calculate the filter capacitance. The
response time at high and low power levels (on the “shoulders”
of the curve shown in Figure 5) will be slower. Note also that it
is sometimes useful to add a zero in the closed-loop response by
placing a resistor in series with CFLT. For more about these
matters, refer to the Applications section.
VAPC – V
33
0
23
13
3
0.5
1.0
1.5
2.0
2.5
–7
V2, P2
V1, P1
Figure 5. Typical Power-Control Curve
A Note About Power Equivalency
In using the AD8315, it must be understood that log amps do not
fundamentally respond to power. It is for this reason that dBV
(decibels above 1 V rms) are used rather than the commonly used
metric of dBm. The dBV scaling is fixed, independent of termi-
nation impedance, while the corresponding power level is not.
For example, 224 mV rms is always –13 dBV (with one further
condition of an assumed sinusoidal waveform; see the AD640
data sheet for more information about the effect of waveform on
logarithmic intercept), and this corresponds to a power of 0 dBm
when the net impedance at the input is 50
W. When this impedance
is altered to 200
W, however, the same voltage corresponds to a
power level that is four times smaller (P = V
2/R) or –6 dBm. A
dBV level may be converted to dBm in the special case of a 50
W
system and a sinusoidal signal by simply adding 13 dB (0 dBV
is then, and only then, equivalent to 13 dBm).
Therefore, the external termination added ahead of the AD8315
determines the effective power scaling. This will often take the
form of a simple resistor (52.3
W will provide a net 50 W input),
but more elaborate matching networks may be used. The choice
of impedance determines the logarithmic intercept, that is, the
input power for which the VSET versus PIN function would
cross the baseline if that relationship were continuous for all
values of VIN. This is never the case for a practical log amp; the
intercept (so many dBV) refers to the value obtained by the
minimum error straight line fit to the actual graph of VSET versus
PIN (more generally, VIN). Where the modulation is complex, as
in CDMA, the calibration of the power response needs to be
adjusted; the intercept will remain stable for any given arbitrary
waveform. When a true power (waveform independent) response is
needed, a mean-responding detector, such as the AD8361,
should be considered.
The logarithmic slope, VSLP in Equation 1, which is the amount
by which the setpoint voltage needs to be changed for each decibel
of input change (voltage or power), is, in principle, independent
of waveform or termination impedance. In practice, it usually
falls off somewhat at higher frequencies, due to the declining
gain of the amplifier stages and other effects in the detector
cells (see TPC 13).


Similar Part No. - AD8315ACP-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315ACP-EVALZ AD-AD8315ACP-EVALZ Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

Similar Description - AD8315ACP-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com