Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHG6110 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHG6110
Description  100V, Combination 2N-2P-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHG6110 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRHG6110 Datasheet HTML 4Page - International Rectifier IRHG6110 Datasheet HTML 5Page - International Rectifier IRHG6110 Datasheet HTML 6Page - International Rectifier IRHG6110 Datasheet HTML 7Page - International Rectifier IRHG6110 Datasheet HTML 8Page - International Rectifier IRHG6110 Datasheet HTML 9Page - International Rectifier IRHG6110 Datasheet HTML 10Page - International Rectifier IRHG6110 Datasheet HTML 11Page - International Rectifier IRHG6110 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IRHG6110
Pre-Irradiation
8
www.irf.com
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
N-Channel
Q1,Q3
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
T , Case Temperature ( C)
°
C
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
1000

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
VGS


Similar Part No. - IRHG6110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG6110 IRF-IRHG6110 Datasheet
194Kb / 14P
   Simple Drive Requirements
IRHG6110 IRF-IRHG6110_15 Datasheet
194Kb / 14P
   Simple Drive Requirements
More results

Similar Description - IRHG6110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG5210 IRF-IRFG5210 Datasheet
191Kb / 12P
   200V, Combination 2N-2P-CHANNEL HEXFET MOSFET TECHNOLOGY
IRHNJ7130 IRF-IRHNJ7130 Datasheet
109Kb / 8P
   100V, N-CHANNEL RAD-Hard HEXFET MOSFET TECHNOLOGY
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
   100V, Combination 2N-2P-CHANNEL
IRHG567110 IRF-IRHG567110 Datasheet
182Kb / 14P
   RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
IRHQ567110 IRF-IRHQ567110 Datasheet
199Kb / 14P
   RADIATION HARDENED 100V, COMBINATION 2N-2P-CHANNEL POWER MOSFET SURFACE MOUNT (LCC-28)
logo
Intersil Corporation
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
JANSR2N7410 INTERSIL-JANSR2N7410 Datasheet
45Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7272 INTERSIL-JANSR2N7272 Datasheet
39Kb / 7P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7399 INTERSIL-JANSR2N7399 Datasheet
44Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7405 INTERSIL-JANSR2N7405 Datasheet
44Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com