Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6177 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6177
Description  High-Precision Voltage References with Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6177 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6177 Datasheet HTML 4Page - Maxim Integrated Products MAX6177 Datasheet HTML 5Page - Maxim Integrated Products MAX6177 Datasheet HTML 6Page - Maxim Integrated Products MAX6177 Datasheet HTML 7Page - Maxim Integrated Products MAX6177 Datasheet HTML 8Page - Maxim Integrated Products MAX6177 Datasheet HTML 9Page - Maxim Integrated Products MAX6177 Datasheet HTML 10Page - Maxim Integrated Products MAX6177 Datasheet HTML 11Page - Maxim Integrated Products MAX6177 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Typical Operating Characteristics (continued)
(VIN = +5V for VOUT = +2.5V, VIN = +15V for VOUT = +10V, IOUT = 0, TA = +25°C, unless otherwise noted.)
High-Precision Voltage References with
Temperature Sensor
8
_______________________________________________________________________________________
0.5
1.5
1.0
2.0
2.5
MINIMUM INPUT-OUTPUT DIFFERENTIAL
vs. SOURCE CURRENT (VOUT = 10V)
SOURCE CURRENT (mA)
012
16
48
20
TA = -40
°C
TA = +125
°C
TA = +25
°C
-140
-100
-120
-60
-80
-20
-40
0
0.001
0.1
1
0.01
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 2.5V)
FREQUENCY (kHz)
-120
-100
-60
-80
-20
-40
0
0.001
0.1
1
0.01
10
100
1000
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY (VOUT = 10V)
FREQUENCY (kHz)
0.001
0.1
0.01
10
1
100
0.1
1
0.01
10
100
1000
OUTPUT IMPEDANCE vs. FREQUENCY
(VOUT = 2.5V)
FREQUENCY (kHz)
0
100
50
200
150
250
300
350
400
010
15
5
2025303540
SUPPLY CURRENT vs. INPUT VOLTAGE
(VOUT = 2.5V)
INPUT VOLTAGE (V)
TA = -40
°C
TA = +125
°C
TA = +25
°C
0
100
50
200
150
250
300
350
400
010
15
5
2025303540
SUPPLY CURRENT vs. INPUT VOLTAGE
(VOUT = 10V)
INPUT VOLTAGE (V)
TA = -40
°C
TA = +125
°C
TA = +25
°C
250
300
275
325
350
-50
-25
0
25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
(VOUT = 2.5V)
TEMPERATURE (
°C)
250
325
300
275
350
375
-50
-25
0
25
50
75
100
125
SUPPLY CURRENT vs. TEMPERATURE
(VOUT = 10V)
TEMPERATURE (
°C)
400
600
500
700
800
-50
-25
0
25
50
75
100
125
TEMP VOLTAGE
vs. TEMPERATURE (VOUT = 2.5V)
TEMPERATURE (
°C)


Similar Part No. - MAX6177

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6177AASA++ MAXIM-MAX6177AASA+ Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6177BASA++ MAXIM-MAX6177BASA+ Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
More results

Similar Description - MAX6177

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com