Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1131A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MC1131A
Description  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MC1131A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MC1131A Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 9Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
Timing Interval
T#
Min.
Max.
Units
Command Byte Write Timing
~HostSlct Hold Time
T6
15
2000 (note 3)
nS
~HostSlct Setup Time
T7
10
nS
HostCmd Setup Time
T8
10
nS
Host Cmd Hold Time
T9
25
nS
HostRdy Delay Time
T13
70
nS
~HostWrite Pulse Width
T14
50
nS
Write Data Setup Time
T15
35
nS
Write Data Hold Time
T16
30
nS
Data Word Read Timing
~HostSlct Hold Time
T6
15
2000 (note 3)
nS
~HostSlct Setup Time
T7 (read only)
- 20
nS
HostCmd Setup Time
T8 (read only)
- 20
nS
HostCmd Hold Time
T9
25
nS
Read Data Access Time
T10
50
nS
Read Data Hold Time
T11
10
nS
~HostRead high to HI-Z Time
T12
50
nS
HostRdy Delay Time
T13
70
nS
Read Recovery Time
T17
60
nS
Data Word Write Timing
~HostSlct Hold Time
T6
15
2000 (note 3)
nS
~HostSlct Setup Time
T7
10
nS
HostCmd Setup Time
T8
10
nS
HostCmd Hold Time
T9
25
nS
HostRdy Delay Time
T13
70
nS
~HostWrite Pulse Width
T14
50
nS
Write Data Setup Time
T15
35
nS
Write Data Hold Time
T16
30
nS
Write Recovery Time
T18
60
nS
DAC Interface Timing
I/OAddr Stable to ~I/OWrite setup time
T19
35
nS
~I/OWrite Pulse Width
T20
56
95
nS
Data Hold Time After ~I/OWrite
T21
17
nS
ClkOut Low to I/OAddr stable
T22
10
40
nS
ClkOut Low to ~I/OWrite Low
T23
75
92
nS
ClkOut Low to Data Valid
T24
92
nS
ClkOut Cycle Time
T25
160 typical (note 4)
nS
I/OAddr Stable to DACSlct High
T26
66
nS
~I/OWrite Low to DACSlct High
T27
44.5
nS
PWM Output Timing
PWM Output Frequency
24.5
Khz
note 1
~HostSlct and HostCmd may optionally be de-asserted if setup and hold times are met.
note 2
Chip-set performance figures and timing information valid at Fclk = 25.0 only. For timing information & performance parameters at Fclk <
25.0 Mhz, call PMD.
note 3
Two micro seconds maximum to release interface before chip set responds to command
note 4
ClkOut from CP is 1/4 frequency of ClkIn (CP chip).


Similar Part No. - MC1131A

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
MC113 WINSEN-MC113 Datasheet
808Kb / 7P
   Catalytic Gas Sensor
MC113C WINSEN-MC113C Datasheet
808Kb / 7P
   Catalytic Gas Sensor
More results

Similar Description - MC1131A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com