Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6173A Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6173A
Description  High-Precision Voltage References with Temperature Sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6173A Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6173A Datasheet HTML 7Page - Maxim Integrated Products MAX6173A Datasheet HTML 8Page - Maxim Integrated Products MAX6173A Datasheet HTML 9Page - Maxim Integrated Products MAX6173A Datasheet HTML 10Page - Maxim Integrated Products MAX6173A Datasheet HTML 11Page - Maxim Integrated Products MAX6173A Datasheet HTML 12Page - Maxim Integrated Products MAX6173A Datasheet HTML 13Page - Maxim Integrated Products MAX6173A Datasheet HTML 14Page - Maxim Integrated Products MAX6173A Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Typical Operating Characteristics (continued)
(VIN = +5V for VOUT = +2.5V, VIN = +15V for VOUT = +10V, IOUT = 0, TA = +25°C, unless otherwise noted.)
High-Precision Voltage References with
Temperature Sensor
______________________________________________________________________________________
11
LOAD TRANSIENT
(VOUT = 2.5V, COUT = 1
µF, 0 TO -2mA)
MAX6173 toc33
IOUT
VOUT
AC-COUPLED
20mV/div
0
-2mA
400
µs/div
LOAD TRANSIENT
(VOUT = 10V, COUT = 1
µF, 0 TO -2mA)
MAX6173 toc34
IOUT
VOUT
AC-COUPLED
5mV/div
0
-2mA
400
µs/div
LINE TRANSIENT
(VOUT = 2.5V)
MAX6173 toc35
VIN
VOUT
AC-COUPLED
200mV/div
5.5V
4.5V
10
µs/div
COUT = 0
LINE TRANSIENT
(VOUT = 10V)
MAX6173 toc36
VIN
1V/div
VOUT
AC-COUPLED
200mV/div
15.5V
14.5V
2
µs/div
TURN-ON TRANSIENT
(VOUT = 2.5V, COUT = 0)
MAX6173 toc37
VIN
2V/div
VOUT
1V/div
GND
GND
10
µs/div
COUT = 0
TURN-ON TRANSIENT
(VOUT = 2.5V, COUT = 1
µF)
MAX6173 toc38
VIN
2V/div
VOUT
1V/div
GND
GND
40
µs/div


Similar Part No. - MAX6173A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173AASA++ MAXIM-MAX6173AASA+ Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
More results

Similar Description - MAX6173A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-01 LINER-REF-01 Datasheet
100Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
Analog Devices
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
   High Precision Shunt Mode Voltage References
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com