Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1704AMPWPSEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1704AMPWPSEP
Description  2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1704AMPWPSEP Datasheet(HTML) 4 Page - Texas Instruments

  TLV1704AMPWPSEP Datasheet HTML 1Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 2Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 3Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 4Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 5Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 6Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 7Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 8Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
TLV1704-SEP
SLOSE29 – NOVEMBER 2018
www.ti.com
Product Folder Links: TLV1704-SEP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input pins are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails must be
current limited to 10 mA or less.
(3)
Short-circuit to ground; one comparator per package.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
40 (±20)
V
Signal input pins
Voltage(2)
(VS–) – 0.5
(VS+) + 0.5
V
Current(2)
±10
mA
Output short-circuit(3)
Continuous
mA
Operating Junction temperature, TJ
–55
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±1000
V
Charged-device model (CDM), per AEC Q100-011
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage VS = (VS+) – (VS–)
2.2 (±1.1)
36 (±18)
V
Specified temperature
–55
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TLV1704-SEP
UNIT
PW (TSSOP)
14 PINS
RθJA
Junction-to-ambient thermal resistance
128.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
56.5
°C/W
RθJB
Junction-to-board thermal resistance
69.9
°C/W
ψJT
Junction-to-top characterization parameter
9.1
°C/W
ψJB
Junction-to-board characterization parameter
69.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W


Similar Part No. - TLV1704AMPWPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704AMPWPSEP TI1-TLV1704AMPWPSEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
More results

Similar Description - TLV1704AMPWPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
SN55HVD233-SEP TI1-SN55HVD233-SEP_19 Datasheet
1Mb / 35P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TL7700-SEP TI1-TL7700-SEP Datasheet
1Mb / 25P
[Old version datasheet]   radiation hardened supply-voltage supervisor in space enhanced plastic
TPS7H4010-SEP-V02 TI-TPS7H4010-SEP-V02 Datasheet
2Mb / 49P
[Old version datasheet]   TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com