Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV1704AMPWPSEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1704AMPWPSEP
Description  2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1704AMPWPSEP Datasheet(HTML) 1 Page - Texas Instruments

  TLV1704AMPWPSEP Datasheet HTML 1Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 2Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 3Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 4Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 5Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 6Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 7Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 8Page - Texas Instruments TLV1704AMPWPSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Temperature (qC)
-55
-35
-15
5
25
45
65
85
105
125
200
400
600
800
1000
1200
D001
r18 V Low-to-High
r18 V High-to-Low
2.2 V Low-to-High
2.2 V High-to-Low
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLV1704-SEP
SLOSE29 – NOVEMBER 2018
TLV1704-SEP 2.2-V to 36-V, Radiation Hardened microPower Quad Comparator
in Space Enhanced Plastic
1
1 Features
1
VID V62/18613
Radiation Hardened
Single Event Latch-up (SEL) Immune to 43
MeV-cm2/mg at 125°C
ELDRS Free to 30 krad(Si)
Total Ionizing Dose (TID) RLAT for Every
Wafer Lot up to 20 krad(Si)
Space Enhanced Plastic
Controlled Baseline
Gold Wire
NiPdAu Lead Finish
One Assembly and Test Site
One Fabrication Site
Available in Military (–55°C to 125°C)
Temperature Range
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
Enhanced Mold Compound for Low
Outgassing
Supply Range: 2.2 V to 36 V or ±1.1 V to ±18 V
Low Quiescent Current: 55 µA per Comparator
Input Common-Mode Range Includes Both Rails
Low Propagation Delay: 560 ns
Low Input Offset Voltage: 300 µV
Open Collector Outputs:
Up to 36 V Above Negative Supply Regardless
of Supply Voltage
Small Packages:
Quad: TSSOP-14
2 Applications
Support Low Earth Orbit Space Applications
Overvoltage and Undervoltage Detectors
Satellite Telemetry and Telecommand for On-
board Data Handling
Window Comparators
Overcurrent Detectors
Zero-Crossing Detectors
System Monitoring for Space
3 Description
The TLV1704-SEP (Quad) device offers a wide
supply range, rail-to-rail inputs, low quiescent current,
and low propagation delay. All these features come in
industry-standard, extremely-small packages, making
these devices the best general-purpose comparators
available.
The open collector output offers the advantage of
allowing the output to be pulled to any voltage rail up
to 36 V above the negative power supply, regardless
of the TLV1704-SEP supply voltage.
The device is a microPower comparator. Low input
offset voltage, low input bias currents, low supply
current, and open-collector configuration make the
TLV1704-SEP device flexible enough to handle
almost any application, from simple voltage detection
to driving a single relay.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
TLV1704AMPWTPSEP
20 krad(Si) RLAT
TSSOP (14)
TLV1704AMPWPSEP
(1) For all available packages, see the package option addendum
at the end of the data sheet.
TLV1704-SEP as a Window Comparator
Stable Propagation Delay vs Temperature


Similar Part No. - TLV1704AMPWPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704AMPWPSEP TI1-TLV1704AMPWPSEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
More results

Similar Description - TLV1704AMPWPSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
SN55HVD233-SEP TI1-SN55HVD233-SEP_19 Datasheet
1Mb / 35P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
SN55HVD233-SEP TI1-SN55HVD233-SEP Datasheet
1Mb / 33P
[Old version datasheet]   3.3-V Radiation Hardened CAN Transceiver in Space Enhanced Plastic
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI-TLV1702-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TL7700-SEP TI1-TL7700-SEP Datasheet
1Mb / 25P
[Old version datasheet]   radiation hardened supply-voltage supervisor in space enhanced plastic
TPS7H4010-SEP-V02 TI-TPS7H4010-SEP-V02 Datasheet
2Mb / 49P
[Old version datasheet]   TPS7H4010-SEP Radiation Hardened 3.5-V to 32-V, 6-A Synchronous Step-Down Voltage Converter in Space Enhanced Plastic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com