Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5410 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS5410
Description  12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5410 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS5410 Datasheet HTML 5Page - Texas Instruments ADS5410 Datasheet HTML 6Page - Texas Instruments ADS5410 Datasheet HTML 7Page - Texas Instruments ADS5410 Datasheet HTML 8Page - Texas Instruments ADS5410 Datasheet HTML 9Page - Texas Instruments ADS5410 Datasheet HTML 10Page - Texas Instruments ADS5410 Datasheet HTML 11Page - Texas Instruments ADS5410 Datasheet HTML 12Page - Texas Instruments ADS5410 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ADS5410
SLAS346 – JUNE 2002
www.ti.com
9
TYPICAL CHARACTERISTICS
Figure 10
PIN – Input Power – dBFS
0
10
20
30
40
50
60
70
80
–50
–40
–30
–20
–10
0
fS = 80 Msps
fIN = 23 MHz
AC PERFORMANCE
vs
INPUT POWER
SFDR
SINAD
SNR
THD
Figure 11
Duty Cycle – %
60
62
64
66
68
70
72
74
76
78
80
40
42
44
46
48
50
52
54
56
58
60
fS = 80 Msps
fIN = 17 MHz
AC PERFORMANCE
vs
DUTY CYCLE
SFDR
SINAD
SNR
THD
Figure 12
Clock Level – VPP (see Note)
64
66
68
70
72
74
76
78
80
012
34
fS = 80 Msps
fIN = 17.4 MHz
AC PERFORMANCE
vs
CLOCK LEVEL
SFDR
SINAD
SNR
THD
NOTE: Voltage peak to peak in pin 19 or 20. Multiply by 2 to
obtain differential peak to peak.
Figure 13
AVDD – Analog Supply Voltage– V
50
55
60
65
70
75
80
2.8
3.0
3.2
3.4
3.6
fS = 80 Msps
fIN = 17.4 MHz
AC PERFORMANCE
vs
ANALOG SUPPLY VOLTAGE
SFDR
SINAD
SNR
THD
Figure 14
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
25
30
35
40
f– Frequency – MHz
WCDMA SINGLE CARRIER MEASUREMENT
fS = 76.8 Msps
fIN = 57.6 MHz
Figure 15
f – Frequency – MHz
–20
–15
–10
–5
0
5
INPUT BANDWIDTH
10
100
1k
10k
†50% duty cycle. AVDD = 3.3 V, DVDD = 1.8 V, DVDD = 1.8 V


Similar Part No. - ADS5410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPJY TI-ADS5411IPJY Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9629 AD-AD9629 Datasheet
984Kb / 32P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com