Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM1431 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GM1431
Description  Three Terminal adjustable shunt regulator with thermal Stability Guaranteed over temperature.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM1431 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GM1431 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM1431 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
These are stress ratings only. Functional operation of the device at these or any conditions beyond the "recommended
operating conditions" is not implied. Exposure to absolute maximum rated conditions may affect device reliability.
NOTES:
1. Voltage values are with respect to the anode except as noted.
2. Maximum power dissipation is a function of T
, q
and T . Maximum allowable power dissipation at any allowable ambient temperature is
J(max)
JA
A
P = (T
-
D
J(max)
3. Package thermal impedance is calculated per JESD 51.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
VALUE
UNIT
37
V
Continuous cathode current
IK
-100 to 150
mA
Reference input current range
Iref
-50µA to 10mA
mA
Power dissipation at T = 25°C
A
SOT-23
SOP-8
TO-92
SOT-89
Operating ambient temperature range
TA
0 to 70
°C
TJ
Lead temperature (soldering) 10 seconds
TLEAD
260
PD
0.23
0.60
0.78
0.80
W
qJA
336
132
163
132
°C/W
°C
(1)
Cathode Voltage
Package thermal impedance
(2, 3)
SOT-23
TO-92
SOP-8
SOT-89
VKA
PARAMETER
SYMBOL
MINIMUM
MAXIMUM
UNIT
Cathode Voltage
VKA
Vref
36
V
Cathode Current
IK
1.0
100
mA
ABSOLUTE MAXIMUM RATINGS (over free-air temperature range except as noted)
A
A
MICROELECTRONICS
GM1431
ADJUSTABLE SHUNT REGULATOR
Adjustable Shunt Regulator


Similar Part No. - GM1431

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM1431 GAMMA-GM1431 Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
GM1431A GAMMA-GM1431A Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM1431AS8B GAMMA-GM1431AS8B Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
GM1431AS8R GAMMA-GM1431AS8R Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
GM1431AS8RL GAMMA-GM1431AS8RL Datasheet
225Kb / 14P
   ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - GM1431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM431 TI-LM431 Datasheet
1Mb / 23P
[Old version datasheet]   The LM431 is a 3-terminal adjustable shunt regulator with ensured temperature stability over the entire temperature range of operation.
logo
STMicroelectronics
LM236-LM336 STMICROELECTRONICS-LM236-LM336 Datasheet
436Kb / 15P
   Guaranteed temperature stability
May 2007 Rev 3
logo
First Components Intern...
TL432 FCI-TL432 Datasheet
88Kb / 2P
   Adjustable Precision Shunt Regulator Guaranteed 1% Voltage Tolerance
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
SeCoS Halbleitertechnol...
STL431 SECOS-STL431 Datasheet
731Kb / 3P
   3-Terminal Adjustable Shunt Regulator
TL431 SECOS-TL431 Datasheet
583Kb / 3P
   3-Terminal Adjustable Shunt Regulator
logo
AiT Semiconductor Inc.
A431A AITSEMI-A431A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
A432A AITSEMI-A432A Datasheet
611Kb / 9P
   SHUNT REGULATOR HIGH TEMPERATURE ADJUSTABLE PRECISION
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com