Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMFLSP100 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LMFLSP100
Description  Super Luminosity White LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LMFLSP100 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LMFLSP100 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 9Page - List of Unclassifed Manufacturers LMFLSP100 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Time
120sec.
Max 150C
120max
Max 260C
30sec.
5sec.
Pre-heating
RT
Dip
Temp.(℃)
120sec
Max 150C
5sec.
Max 240C
Time
Temp.(℃)
◆ Precautions For Use
This device should not be used in any type of fluid such as water, oil, organic solvent, etc.
When washing is required, IPA should be used.
When the LEDs are illuminating, operating current should be decided after considering the
ambient maximum temperature.
LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3months or
more after being shipped from LUMIMICRO, sealed container with a nitrogen atmosphere
should be used for storage.
The LEDs must be dip soldered within seven days after opening the moisture-proof packing.
Repack unused Products with anti-moisture packing, fold to close any opening and then store in
dry place. The appearance and specifications of the product may be modified for improvement
without notice. These LEDs are sensitive to the static electricity and surge. It is recommended to
use a wrist band or anti-electrostatic glove when handling the LEDs. If Over voltage which
exceeds the absolute maximum rating is applied to LEDs, it will cause damage in LEDs and
result in destruction. Damaged LEDs will show some unusual characteristics such as
remarkably increased leak current, turn-on voltage becomes lower and the LEDs get unlighted
at low current.
◆ Soldering Condition
③For Manual Soldering
Not more than 5 seconds @MAX300℃,under Soldering iron.
① Solder Dip Conditions
The Immersion of leads into a solder bath
@MAX260℃ shall be to 5 seconds max.
② Reflow Conditions
Preliminary heating to be at 150
℃ max. for 2 minutes max.
Soldering heat to be at 240℃
max. for 5 seconds max.
6/9
LUMIMICRO CO., LTD


Similar Part No. - LMFLSP100

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMF LEIDITECH-LMF Datasheet
1Mb / 9P
   Sealed Power Inductors
logo
National Semiconductor ...
LMF100 NSC-LMF100 Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
logo
Texas Instruments
LMF100 TI1-LMF100 Datasheet
2Mb / 42P
[Old version datasheet]   Dual High-Performance Switched Capacitor Filters
logo
National Semiconductor ...
LMF100CCN NSC-LMF100CCN Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
LMF100CIWM NSC-LMF100CIWM Datasheet
868Kb / 28P
   High Performance Dual Switched Capacitor Filter
More results

Similar Description - LMFLSP100

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL8T156 SHARP-GL8T156 Datasheet
463Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
logo
Sharp Corporation
GL9T030 SHARP-GL9T030 Datasheet
455Kb / 7P
   Super-luminosity/High-luminosity Numeric LED
logo
Everlight Electronics C...
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com