Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC2313258A Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSC2313258A
Description  1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2313258A Datasheet(HTML) 4 Page - OKI electronic componets

  MSC2313258A Datasheet HTML 1Page - OKI electronic componets MSC2313258A Datasheet HTML 2Page - OKI electronic componets MSC2313258A Datasheet HTML 3Page - OKI electronic componets MSC2313258A Datasheet HTML 4Page - OKI electronic componets MSC2313258A Datasheet HTML 5Page - OKI electronic componets MSC2313258A Datasheet HTML 6Page - OKI electronic componets MSC2313258A Datasheet HTML 7Page - OKI electronic componets MSC2313258A Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MSC2313258A-xxBS2/DS2
¡ Semiconductor
56
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Note:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to the conditions as detailed in the
operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Unit
Power Supply Voltage
VCC
Input High Voltage
Typ.
Min.
Max.
4.5
5.0
5.5
V
(Ta = 0°C to 70°C)
VSS
00
0
V
VIH
2.4
6.5
V
VIL
–1.0
0.8
V
Input Low Voltage
Capacitance
Parameter
Symbol
Unit
CIN1
pF
Input Capacitance (A0 - A9)
Typ.
Max.
—16
(Ta = 25°C, f = 1 MHz)
CIN2
pF
Input Capacitance (WE)—
20
CIN3
pF
Input Capacitance (RAS0, RAS2)—
13
CIN4
pF
Input Capacitance (CAS0 - CAS3)—
13
CDQ
pF
I/O Capacitance (DQ0 - DQ31)
13
Note :
Capacitance measured with Boonton Meter.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
–1.0 to 7.0
V
Voltage VCC Supply Relative to VSS
VCC
–1.0 to 7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD
2.6
W
Operating Temperature
Topr
0 to 70
°C
Storage Temperature
Tstg
–40 to 125
°C


Similar Part No. - MSC2313258A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXBS2 OKI-MSC2313258D-XXBS2 Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D-XXDS2 OKI-MSC2313258D-XXDS2 Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSC2313258A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23132C OKI-MSC23132C Datasheet
589Kb / 8P
   1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
   4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2383257A OKI-MSC2383257A Datasheet
71Kb / 8P
   8,388,608-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV23257A OKI-MSC23CV23257A Datasheet
64Kb / 10P
   2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2313258D OKI-MSC2313258D Datasheet
41Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23T OKI-MSC23T Datasheet
771Kb / 11P
   1,048,576-Word x 72-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
   1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com