Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUH525125I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XUH525125I
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUH525125I Datasheet(HTML) 1 Page - Integrated Device Technology

  XUH525125I Datasheet HTML 1Page - Integrated Device Technology XUH525125I Datasheet HTML 2Page - Integrated Device Technology XUH525125I Datasheet HTML 3Page - Integrated Device Technology XUH525125I Datasheet HTML 4Page - Integrated Device Technology XUH525125I Datasheet HTML 5Page - Integrated Device Technology XUH525125I Datasheet HTML 6Page - Integrated Device Technology XUH525125I Datasheet HTML 7Page - Integrated Device Technology XUH525125I Datasheet HTML 8Page - Integrated Device Technology XUH525125I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
©2018 Integrated Device Technology, Inc.
June 25, 2018
De sc ript ion
The XU devices are low phase noise quartz-based PLL oscillators
supporting a large range of frequencies and output interface
types. These devices are designed to operate at three different
power supplies and are available in multiple package sizes as well
as temperature grades.
With a patented one-time program (OTP) allowing for infinite
memory shelf life, the XU devices can be programmed to generate
an output frequency from 16kHz to 1500MHz with a resolution as
low as 1Hz accuracy. The configuration capability of this family of
devices allows for fast delivery times for both sample and large
production orders.
Fe a t ure s
Frequency range: 0.016MHz to 1500MHz
Output types: LVDS, LVPECL, HCSL, LVCMOS
Supply voltage options: 1.8V, 2.5V, or 3.3V
Phase jitter (1.875MHz to 20MHz): 100fs typical
Phase jitter (12kHz to 20MHz): 300fs typical
Package options:
— 5.0 × 3.2 × 1.2 mm
— 7.0 × 5.0 × 1.3 mm
Operating temperature: -20°C to +70°C
— Frequency stability options: ±20, ±25, ±50, or ±100 ppm
Operating temperature: -40°C to +85°C
— Frequency stability options: ±25, ±50, or ±100 ppm
Operating temperature: -40°C to +105°C
— Frequency stability options: ±50 or ±100 ppm
1
2
3
4
5
6
E/D / NC
NC / E/D
OUT
OUT2
VDD
GND
Pin Assignm e nt s
T a ble 1 . 6 -pin Pa c k a ge
Pin #
Pin Name
Description
1
2
3
4
E/D
NC
OUT
NC
VDD
GND
T a ble 2 . 4 -pin Pa c k a ge
Pin #
Pin Name
Description
[a] Pulled high internally = output enabled.
[b] Low = output disabled.
See Ordering Information for more details.
1
E/D
NC
Enable/Disable [a,b]
No connect
2
NC
E/D
No connect
Enable/Disable [a,b]
3
GND
Connect to ground
4OUT
Output
5
OUT2
Complementary output
6VDD
Supply voltage
1
E/D
Enable/Disable [a,b]
2
GND
Connect to ground
3OUT
Output
4VDD
Supply voltage
X U
Da t a she e t
X U Fa m ily of Low Pha se N oise
Qua rt z-ba se d PLL Osc illa t ors


Similar Part No. - XUH525125I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH525 IDT-XUH525 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUH525125I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
   XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
   XL Family of Low Phase Noise Quartz-based PLL Oscillators
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
   LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
   Ultra-Low Phase Noise Oscillators
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
   Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
   of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com