Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUH525125I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # XUH525125I
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUH525125I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button XUH525125I Datasheet HTML 9Page - Integrated Device Technology XUH525125I Datasheet HTML 10Page - Integrated Device Technology XUH525125I Datasheet HTML 11Page - Integrated Device Technology XUH525125I Datasheet HTML 12Page - Integrated Device Technology XUH525125I Datasheet HTML 13Page - Integrated Device Technology XUH525125I Datasheet HTML 14Page - Integrated Device Technology XUH525125I Datasheet HTML 15Page - Integrated Device Technology XUH525125I Datasheet HTML 16Page - Integrated Device Technology XUH525125I Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
XU Datasheet
13
©2018 Integrated Device Technology, Inc.
June 25, 2018
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time,
without notice, at IDT’s sole discretion. Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability
of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be rea-
sonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the property
of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. Integrated Device Technology, Inc. All rights reserved.
T e c h Support
www.IDT.com/go/support
Sa le s
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Corpora t e H e a dqua rt e rs
6024 Silver Creek Valley Road
San Jose, CA 95138 USA
www.IDT.com
Re vision H ist ory
Revision Date
Description of Change
June 25, 2018
Updated Package Outline Drawings section.
November 22, 2017
Updated Theta JA and JB in Absolute Maximum Ratings table.
Added MSL statement under Mechanical Testing table.
Updated ordering information.
October 19, 2017
Updated document title.
Updated Features bullets.
Updated Absolute Maximum Ratings and ESD Compliance tables.
Added -40°C to +105°C rating to all electrical tables.
Removed phase noise charts.
Updated Ordering Information table.
May 12, 2017
Reformatted embedded tables.
Removed “Jitter Performance” tables and moved the “Phase Jitter (12kHz–20MHz)” parameter to its
respective AC Electrical Characteristics table.
Updated all Output Waveform drawings.
December 1, 2016
Initial release


Similar Part No. - XUH525125I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH525 IDT-XUH525 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUH525125I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
   XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
   XL Family of Low Phase Noise Quartz-based PLL Oscillators
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
   LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
   Ultra-Low Phase Noise Oscillators
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
   Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
   of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com