Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9910 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9910
Description  12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9910 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9910 Datasheet HTML 3Page - NXP Semiconductors TDA9910 Datasheet HTML 4Page - NXP Semiconductors TDA9910 Datasheet HTML 5Page - NXP Semiconductors TDA9910 Datasheet HTML 6Page - NXP Semiconductors TDA9910 Datasheet HTML 7Page - NXP Semiconductors TDA9910 Datasheet HTML 8Page - NXP Semiconductors TDA9910 Datasheet HTML 9Page - NXP Semiconductors TDA9910 Datasheet HTML 10Page - NXP Semiconductors TDA9910 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
9397 750 14418
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 02 — 9 December 2004
7 of 21
Philips Semiconductors
TDA9910
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC)
IIL
LOW-level input current
VIL = 0.8 V
-
5
-
µA
IIH
HIGH-level input current
VIH = 2.0 V
-
5
-
µA
Digital inputs: pins DEL0 and DEL1
VIL
LOW-level input voltage
DGND
-
0.3
× V
CCD
V
VIH
HIGH-level input voltage
0.7
× V
CCD
-VCCD
V
IIL
LOW-level input current
VIL = 0.8 V
-
80
-
µA
IIH
HIGH-level input current
VIH = 2.0 V
-
80
-
µA
Voltage controlled regulator output: pin CMADC
Vo(CM)
common mode output
voltage
IL =0mA
-
VCCA − 1.88 -
V
IL =2mA
-
VCCA − 1.91 -
V
Reference voltage input: pin FSIN [3]
VFSIN
full-scale fixed voltage
-
VCCA − 1.84 -
V
IFSIN
input current
-
1
-
µA
Vi(p-p)
input voltage
(peak-to-peak value)
see Figure 5;
Vi =VIN − VINN;
Vi(CM) =VCCA − 1.91 V
1.5
1.9
2.0
V
Full-scale voltage controlled regulator output: pin FSOUT
Vo(ref)
1.9 V full-scale output
voltage
IL =IFSIN
-VCCA − 1.84 -
V
IL =2mA
-
VCCA − 1.87 -
V
Digital outputs: pins D11 to D0, IR and CCS
Output levels
VOL
LOW-level output voltage
IOL = 2 mA
DGND
-
DGND + 0.5
V
VOH
HIGH-level output voltage IOH = −0.4 mA
VCCO − 0.5 -
VCCO
V
IOZ
output current in 3-state
output level between
0.5 V and VCCO
−20
1
+20
µA
Timing [4]
td(s)
sampling delay time
CL = 10 pF
-
0.2
-
ns
th(o)
output hold time
CL = 10 pF
-
4
-
ns
td(o)
output delay time
CL = 10 pF
-
5
-
ns
3-state output delay
tdZH
enable HIGH
-
3
-
ns
tdZL
enable LOW
-
5
-
ns
tdHZ
disable HIGH
-
8
-
ns
tdLZ
disable LOW
-
5
-
ns
Clock timing inputs: pins CLK and CLKN
fCLK(min) minimum clock frequency
-
-
8
Msample/s
fCLK(max) maximum clock frequency duty cycle 45 % to
65 %
80
-
-
Msample/s
tCLKH
clock pulse width HIGH
fi = 175 MHz
5.6
-
-
ns
tCLKL
clock pulse width LOW
fi = 175 MHz
5.6
-
-
ns
Table 5:
Characteristics …continued
VCCA = 4.75 V to 5.25 V; VCCD = 4.75 V to 5.25 V; VCCO = 2.7 V to 3.6 V; AGND and DGND shorted together; Tamb = −40 °C
to +85
°C; VIN(p-p) − VINN(p-p) = 2.0 V − 0.5 dB; VFSIN =VCCA1 − 1.77 V; Vi(CM) =VCCA1 − 1.85 V; typical values measured at
VCCA =VCCD = 5 V, VCCO = 3.3 V, Tamb =25 °C and CL = 10 pF; unless otherwise specified.
Symbol Parameter
Conditions
Test [1] Min
Typ
Max
Unit


Similar Part No. - TDA9910

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901TS PHILIPS-TDA9901TS Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901TS NXP-TDA9901TS Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
More results

Similar Description - TDA9910

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Texas Instruments
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800_14 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com