Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9910 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9910
Description  12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9910 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9910 Datasheet HTML 7Page - NXP Semiconductors TDA9910 Datasheet HTML 8Page - NXP Semiconductors TDA9910 Datasheet HTML 9Page - NXP Semiconductors TDA9910 Datasheet HTML 10Page - NXP Semiconductors TDA9910 Datasheet HTML 11Page - NXP Semiconductors TDA9910 Datasheet HTML 12Page - NXP Semiconductors TDA9910 Datasheet HTML 13Page - NXP Semiconductors TDA9910 Datasheet HTML 14Page - NXP Semiconductors TDA9910 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
9397 750 14418
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 02 — 9 December 2004
11 of 21
Philips Semiconductors
TDA9910
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC)
(1) fi = 15 MHz; 0 dBc
(2) fi = 5.1 MHz; −73.64 dBc
(3) fi = 9.88 MHz; −82.6 dBc
(4) fi = 20.1 MHz; −77.26 dBc
(5) fi = 30 MHz; −71.73 dBc
(6) fi = 35.1 MHz; −71.68 dBc
THD (5H): 66.93 dBc
SFDR:
−71.68 dBc
Fig 4.
Single tone; fi = 175 MHz; fCLK = 80 Msample/s.
(1) Vi(CM) = 1.54 V; VCCA − VFSIN = 1.5 V
(2) Vi(CM) = 1.9 V; VCCA − VFSIN = 1.84 V
(3) Vi(CM) = 2.07 V; VCCA − VFSIN = 2.0 V
Fig 5.
ADC full-scale; Vi(CM) as a function of VCCA − VFSIN.
fi (MHz)
0
40
30
20
10
001aaa514
−80
−120
−40
0
power
spectrum
(dBc)
−160
(1)
(5)
(6)
(4)
(3)
(2)
001aaa515
VCCA − VFSIN (V)
1.5
2.0
1.9
1.8
1.6
1.7
1.8
(1)
(2)
(3)
1.6
2.0
2.2
Vi(CM)
(V)
1.4


Similar Part No. - TDA9910

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901 NXP-TDA9901 Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9901TS PHILIPS-TDA9901TS Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
TDA9901TS NXP-TDA9901TS Datasheet
102Kb / 18P
   Wideband differential digital controlled variable gain amplifier
Rev. 04-14 August 2008
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
More results

Similar Description - TDA9910

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
logo
Renesas Technology Corp
ADC1207S080 RENESAS-ADC1207S080 Datasheet
536Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
2 July 2012
logo
NXP Semiconductors
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
   Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Texas Instruments
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413 TI-ADS5413 Datasheet
421Kb / 18P
[Old version datasheet]   SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7800KUE4 TI1-ADS7800KUE4 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800_14 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com