Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5687PM Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC5687PM
Description  27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5687PM Datasheet(HTML) 5 Page - Texas Instruments

  UCC5687PM Datasheet HTML 1Page - Texas Instruments UCC5687PM Datasheet HTML 2Page - Texas Instruments UCC5687PM Datasheet HTML 3Page - Texas Instruments UCC5687PM Datasheet HTML 4Page - Texas Instruments UCC5687PM Datasheet HTML 5Page - Texas Instruments UCC5687PM Datasheet HTML 6Page - Texas Instruments UCC5687PM Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UCC5686, UCC5687
27-LINE 3V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,
ULTRA160, AND ULTRA320 SCSI WITH INTEGRATED SPI3 DELAY
SLUS459B – OCTOBER 2000 – REVISED APRIL 2001
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
REG
STRMPWR
DISCNCT1
CONTROL AND
LOW BYTE
DIFFB
Termpower
0.1
µF
7
48
40
9
39
DIFSENS
CONTROL LINES (9)
21
22
60
59
L1+
L1–
L9+
L9–
DATA (8)
+ PARITY LINES
14
13
37
38
L10+
L10–
L18+
L18–
41
42
6
5
L19+
L19–
L27+
L27–
47
DISCNCT2
HIGH BYTE
PTRMPWR
8
4.7
µF
UCC5686
11
10
PGND
SGND
4.7
µF
0.01
µF
DATA (8)
+ PARITY LINES
STRMPWR
REG
DIFFB
40
39
9
7
48
DIFSENS
21
22
60
59
L1+
L1–
L9+
L9–
14
13
37
38
L10+
L10–
L18+
L18–
DISCNCT1
CONTROL AND
LOW BYTE
Termpower
41
42
6
5
L19+
L19–
L27+
L27–
47
DISCNCT2
HIGH BYTE
UCC5686
PTRMPWR
8
4.7
µF
11
10
PGND
SGND
4.7
µF
0.1
µF
0.01
µF
20 k
20 k
LVD
12
0.01
µF
0.01
µF
S1
S2
S4
S3
NOTE A: Close S1, S2, S3, and S4 to connect terminators in UCC5686. Open S1, S2, S3, and S4 to connect terminators in UCC5687.
Figure 1. Typical Application Diagram


Similar Part No. - UCC5687PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5680 TI1-UCC5680 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW24 TI1-UCC5680PW24 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW28 TI1-UCC5680PW28 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW28TR TI1-UCC5680PW28TR Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
More results

Similar Description - UCC5687PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5646 TI1-UCC5646 Datasheet
125Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3, ULTRA160 AND ULTRA320
UCC5686 TI1-UCC5686_15 Datasheet
127Kb / 8P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
logo
Maxim Integrated Produc...
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
logo
Dallas Semiconductor
DS2120 DALLAS-DS2120 Datasheet
334Kb / 10P
   Ultra3 LVD SCSI Terminator
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com