Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5687PM Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC5687PM
Description  27-LINE 3-V - 5V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3,ULTRA160,AND ULTRA320 SCSI WITH INTEGRATED SPI-3 DELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5687PM Datasheet(HTML) 6 Page - Texas Instruments

  UCC5687PM Datasheet HTML 1Page - Texas Instruments UCC5687PM Datasheet HTML 2Page - Texas Instruments UCC5687PM Datasheet HTML 3Page - Texas Instruments UCC5687PM Datasheet HTML 4Page - Texas Instruments UCC5687PM Datasheet HTML 5Page - Texas Instruments UCC5687PM Datasheet HTML 6Page - Texas Instruments UCC5687PM Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UCC5686PM
ACTIVE
LQFP
PM
64
160
TBD
CU NIPDAU
Level-3-260C-168 HR
UCC5686PMTR
ACTIVE
LQFP
PM
64
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5686PMTRG4
ACTIVE
LQFP
PM
64
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5687PM
ACTIVE
LQFP
PM
64
160
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5687PMTR
ACTIVE
LQFP
PM
64
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UCC5687PMTRG4
ACTIVE
LQFP
PM
64
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
8-Aug-2005
Addendum-Page 1


Similar Part No. - UCC5687PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5680 TI1-UCC5680 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW24 TI1-UCC5680PW24 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW28 TI1-UCC5680PW28 Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
UCC5680PW28TR TI1-UCC5680PW28TR Datasheet
218Kb / 11P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR
More results

Similar Description - UCC5687PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5646 TI1-UCC5646 Datasheet
125Kb / 7P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2, ULTRA3, ULTRA160 AND ULTRA320
UCC5686 TI1-UCC5686_15 Datasheet
127Kb / 8P
[Old version datasheet]   27-LINE 3-V - 5-V LVD TERMINATOR FOR WIDE ULTRA2
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
logo
Maxim Integrated Produc...
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
logo
Dallas Semiconductor
DS2120 DALLAS-DS2120 Datasheet
334Kb / 10P
   Ultra3 LVD SCSI Terminator
logo
Texas Instruments
UCC5696 TI-UCC5696 Datasheet
176Kb / 12P
[Old version datasheet]   27 LINE LVD ONLY SCSI TERMINATOR FOR SPI-5
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com