Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E648 Datasheet(PDF) 8 Page - Winbond

Part # W79E648
Description  Fast 8051 Compatible microcontroller with a redesigned Processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E648 Datasheet(HTML) 8 Page - Winbond

Back Button W79E648 Datasheet HTML 4Page - Winbond W79E648 Datasheet HTML 5Page - Winbond W79E648 Datasheet HTML 6Page - Winbond W79E648 Datasheet HTML 7Page - Winbond W79E648 Datasheet HTML 8Page - Winbond W79E648 Datasheet HTML 9Page - Winbond W79E648 Datasheet HTML 10Page - Winbond W79E648 Datasheet HTML 11Page - Winbond W79E648 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
Preliminary W79E648
- 8 -
Timers
The W79E648 has three 16-bit timers that are functionally similar to the timers of the 8052 family.
When used as timers, they can be set to run at either 4 clocks or 12 clocks per count, thus providing
the user with the option of operating in a mode that emulates the timing of the original 8052. The
W79E648 has an additional feature, the watchdog timer. This timer is used as a System Monitor or as
a very long time period timer.
Interrupts
The Interrupt structure in the W79E648 is slightly different from that of the standard 8052. Due to the
presence of additional features and peripherals, the number of interrupt sources and vectors has been
increased. The W79E648 provides 7 interrupt resources with two priority level, including 2 external
interrupt sources, timer interrupts, serial I/O interrupts.
Power Management
Like the standard 80C52, the W79E648 also has IDLE and POWER DOWN modes of operation. The
W79E648 provides a new Economy mode which allow user to switch the internal clock rate divided by
either 4, 64 or 1024. In the IDLE mode, the clock to the CPU core is stopped while the timers, serial
port and interrupts clock continue to operate. In the POWER DOWN mode, all the clock are stopped
and the chip operation is completely stopped. This is the lowest power consumption state.
On-chip Data SRAM
The W79E648 has 1K Bytes of data space SRAM which is read/write accessible and is memory
mapped. This on-chip MOVX SRAM is reached by the MOVX instruction. It is not used for executable
program memory. There is no conflict or overlap among the 256 bytes Scratchpad RAM and the 1K
Bytes MOVX SRAM as they use different addressing modes and separate instructions. The on-chip
MOVX SRAM is enabled by setting the DME0 bit in the PMR register. After a reset, the DME0 bit is
cleared such that the on-chip MOVX SRAM is disabled, and all data memory spaces 0000H
− FFFFH
access to the external memory.
6. MEMORY ORGANIZATION
The W79E648 separates the memory into two separate sections, the Program Memory and the Data
Memory. The Program Memory is used to store the instruction op-codes, while the Data Memory is
used to store data or for memory mapped devices.
Program Memory
The Program Memory on the standard 8052 can only be addressed to 64 Kbytes long. By invoking the
banking methodology, W79E648 can extend to two 64KB flash EPROM banks, APFlash0 and
APFlash1. There are on-chip ROM banks which can be used similarly to that of the 8052. All
instructions are fetched for execution from this memory area. The MOVC instruction can also access
this memory region. There is an auxiliary 4KB Flash EPROM bank (LDFlash) resided user loader
program for In-System Programming (ISP). Both APFlashs allow serial or parallel download according
to user loader program in LDFlash.
Data Memory
The W79E648 can access up to 64Kbytes of external Data Memory. This memory region is accessed
by the MOVX instructions. Unlike the 8051 derivatives, the W79E648 contains on-chip 1K bytes
MOVX SRAM of Data Memory, which can only be accessed by MOVX instructions. These 1K bytes of
SRAM are between address 0000H and 03FFH. Access to the on-chip MOVX SRAM is optional under


Similar Part No. - W79E648

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W79E632A ETC2-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A NUVOTON-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E648

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP52 ATMEL-AT89LP52_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com