Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E648 Datasheet(PDF) 19 Page - Winbond

Part # W79E648
Description  Fast 8051 Compatible microcontroller with a redesigned Processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E648 Datasheet(HTML) 19 Page - Winbond

Back Button W79E648 Datasheet HTML 15Page - Winbond W79E648 Datasheet HTML 16Page - Winbond W79E648 Datasheet HTML 17Page - Winbond W79E648 Datasheet HTML 18Page - Winbond W79E648 Datasheet HTML 19Page - Winbond W79E648 Datasheet HTML 20Page - Winbond W79E648 Datasheet HTML 21Page - Winbond W79E648 Datasheet HTML 22Page - Winbond W79E648 Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Preliminary W79E648
Publication Release Date: 05/31/2004
- 19 -
Revision A1
Software Reset
Set CHPCON = 0X83, timer and enter IDLE mode. CPU will reset and restart from APFlash after time
out.
Port 2
Bit:
7
6
5
4
3
2
1
0
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
Mnemonic: P2
Address: A0h
P2.7-0: Port 2 is a bi-directional I/O port with internal pull-ups. This port also provides the upper
address bits for accesses to external memory.
Port 4 Chip-select Polarity
Bit:
7
6
5
4
3
2
1
0
P43INV P42INV P42INV P40INV
-
-
-
PUP0
6.1.1
Mnemonic: P4CSIN
Address: A2h
P4xINV: The active polarity of P4.x when set it as chip-select signal. High = Active High. Low = Active
Low.
PUP0: Enable Port 0 weak pull up.
Port 4
Bit:
7
6
5
4
3
2
1
0
-
-
-
-
P4.3
P4.2
P4.1
P4.0
Mnemonic: P4
Address: A5h
P4.3-0: Port 4 is a bi-directional I/O port with internal pull-ups. Port 4 can not use bit-addressable
instruction (SETB or CLR).
Interrupt Enable
Bit:
7
6
5
4
3
2
1
0
EA
ES1
ET2
ES
ET1
EX1
ET0
EX0
Mnemonic: IE
Address: A8h
EA:
Global enable. Enable/disable all interrupts.
ET2:
Enable Timer 2 interrupt.
ES:
Enable Serial Port 0 interrupt.
ET1:
Enable Timer 1 interrupt
EX1:
Enable external interrupt 1
ET0:
Enable Timer 0 interrupt
EX0:
Enable external interrupt 0


Similar Part No. - W79E648

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W79E632A ETC2-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A NUVOTON-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E648

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT51BQ-T FTDI-FT51BQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
logo
ATMEL Corporation
AT89LP51RC2 ATMEL-AT89LP51RC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ED2 ATMEL-AT89LP51ED2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51IC2 ATMEL-AT89LP51IC2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51 ATMEL-AT89LP51_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51ID2 ATMEL-AT89LP51ID2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
809Kb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RB2 ATMEL-AT89LP51RB2_14 Datasheet
7Mb / 254P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP51RD2 ATMEL-AT89LP51RD2_14 Datasheet
5Mb / 26P
   8-bit Microcontroller Compatible with 8051 Products
AT89LP52 ATMEL-AT89LP52_14 Datasheet
4Mb / 117P
   8-bit Microcontroller Compatible with 8051 Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com