Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2021-00TS Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM2021-00TS
Description  HDMI Receiver Port Protection and Interface Device
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2021-00TS Datasheet(HTML) 7 Page - California Micro Devices Corp

  CM2021-00TS Datasheet HTML 1Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 2Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 3Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 4Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 5Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 6Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 7Page - California Micro Devices Corp CM2021-00TS Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
03/22/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
7
CM2021
Application Information
Figure 2. Typical Application for CM2021
HDMICONN
38 TSSOP
DDC_CLK
DDC_DAT
GND
+5V IN
HOTPLUG_DET
TMDS_CK-
CE REMOTE
N/C
TMDS_GND
TMDS_CK+
TMDS_D0-
TMDS_GND
TMDS_D0+
TMDS_D1-
TMDS_GND
TMDS_D1+
TMDS_D2-
TMDS_GND
TMDS_D2+


Similar Part No. - CM2021-00TS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
More results

Similar Description - CM2021-00TS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
California Micro Device...
CM2031 CALMIRCO-CM2031 Datasheet
657Kb / 14P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com