Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS1M32-17HSCA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # WS1M32-17HSCA
Description  1Mx32 SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS1M32-17HSCA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  WS1M32-17HSCA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 7Page - List of Unclassifed Manufacturers WS1M32-17HSCA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
White Electronic Designs
WS1M32-XXX
PACKAGE402: 66PIN,PGATYPE,CERAMICHEX-IN-LINEPACKAGE,HIP(H2)
35.2 (1.385) ± 0.38 (0.015) SQ
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030) ± 0.1 (0.005)
5.7 (0.223)
MAX
3.81 (0.150)
± 0.1 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.27 (0.050) ± 0.1 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018) ± 0.05 (0.002) DIA
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WS1M32-17HSCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-17G3C WEDC-WS1M32V-17G3C Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3CA WEDC-WS1M32V-17G3CA Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3I WEDC-WS1M32V-17G3I Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3IA WEDC-WS1M32V-17G3IA Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WS1M32V-17G3M WEDC-WS1M32V-17G3M Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
More results

Similar Description - WS1M32-17HSCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
logo
Hynix Semiconductor
HY5DU323222QP HYNIX-HY5DU323222QP Datasheet
696Kb / 29P
   32M(1Mx32) DDR SDRAM
logo
White Electronic Design...
EDI9LC644V WEDC-EDI9LC644V Datasheet
1Mb / 25P
   128Kx32 SSRAM/1Mx32 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com