Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110RIA Datasheet(PDF) 7 Page - International Rectifier

Part # 110RIA
Description  PHASE CONTROL THYRISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

110RIA Datasheet(HTML) 7 Page - International Rectifier

  110RIA Datasheet HTML 1Page - International Rectifier 110RIA Datasheet HTML 2Page - International Rectifier 110RIA Datasheet HTML 3Page - International Rectifier 110RIA Datasheet HTML 4Page - International Rectifier 110RIA Datasheet HTML 5Page - International Rectifier 110RIA Datasheet HTML 6Page - International Rectifier 110RIA Datasheet HTML 7Page - International Rectifier 110RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
110/111RIA Series
7
Bulletin I25204 rev. B 09/03
www.irf.com
Fig. 9 - Gate Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristic
Fig. 7 - On-State Voltage Drop Characteristics
Instantaneous On-State Voltage (V)
1
10
100
1000
10000
01
2
3
4
5
111RIA Series
Tj = 140˚C
Tj = 25˚C
Square Wave Pulse Duration (s)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
111RIA Series
Steady State Value
RthJC = 0.27 K/W
(DC Operation)
Instantaneous Gate Current (A)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1)
(3)
a) Recommended load line for
b) Recommended load line for
Frequency Limited by PG(AV)
(2)
(1) PGM = 12W, tp = 5ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
(4) PGM = 200W, tp = 300µs
<=30% rated di/dt: 15V, 40ohms
tr<=1 µs, tp=>6µs
rated di/dt: 20V, 30ohms;
tr<=0.5 µs, tp=>6µs
Rectangular gate pulse
Device: 111RIA Series
(4)
110/111RIA Series
110/111RIA Series
Device:110/111RIASeries


Similar Part No. - 110RIA

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
110R1101X CALMIRCO-110R1101X Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
110R1102X CALMIRCO-110R1102X Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
110R1103X CALMIRCO-110R1103X Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
110R2751X CALMIRCO-110R2751X Datasheet
393Kb / 1P
   THIN FILM RESISTOR SERIES
More results

Similar Description - 110RIA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com