Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV582 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV582
Description  96-Channel AC Plasma Display Data Driver with High Voltage Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV582 Datasheet(HTML) 1 Page - Supertex, Inc

  HV582 Datasheet HTML 1Page - Supertex, Inc HV582 Datasheet HTML 2Page - Supertex, Inc HV582 Datasheet HTML 3Page - Supertex, Inc HV582 Datasheet HTML 4Page - Supertex, Inc HV582 Datasheet HTML 5Page - Supertex, Inc HV582 Datasheet HTML 6Page - Supertex, Inc HV582 Datasheet HTML 7Page - Supertex, Inc HV582 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
HV582
09/16/02
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
HV582
96-Channel AC Plasma Display Data Driver
with High Voltage Push-Pull Outputs
Features
❑ HVCMOS© technology
❑ Operating output voltage of 90V
❑ Data clock speed 30MHz @ V
DD=5V
❑ Six interleaved inputs and outputs
❑ Data directional loading control
❑ Outputs: enable, polarity, all Hi, all Lo
❑ CMOS compatible inputs
General Description
The HV582 is a low voltage to high voltage converter with 96 high
voltage push-pull outputs. This device has been designed to
operate as a data driver for AC plasma display panels.
The device is loaded at up to 30MHz using six parallel data
inputs, achieving an effective 180MHz data load rate. A direction
pin (DIR) is provided to control the data load sequence. Once
data is latched into the output latches, the outputs will be
controlled based on the latch contents, polarity (POL) pin and
output enable (OE) pin inputs. All outputs may be temporarily
forced high by asserting a ‘low’ on the OHB input. Alternatively,
all outputs may be temporarily forced low by asserting a ‘low’
on the OLB input. This versatility allows the outputs to be
individually controlled, all set high or low, or all set to a high-
Z state.
Circuitry assures a break-before-make interval when switching
the output transistors, preventing output cross-conduction,
thereby increasing power efficiency.
Application
❑ AC plasma display data column driver
Functional Block Diagram
6 Shift
Registers
96-bit
Latch
Output
Control
Level
Translators
and
HVOUT
Buffers
HVOUT1
HVOUT96
RGB DIN
CLK
RGB DOUT
6
6
LE
POL
OLB
OHB
OE
Advance Information


Similar Part No. - HV582

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV582GA-G MICROCHIP-HV582GA-G Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
More results

Similar Description - HV582

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
STMicroelectronics
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
   PLASMA DISPLAY PANEL DATA DRIVER
January 1999
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
logo
Supertex, Inc
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528_08 Datasheet
546Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com