Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61C6416 Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part # IC61C6416
Description  64K X 16 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61C6416 Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC61C6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1+$+$"$
Integrated Circuit Solution Inc.
3
AHSR011-0A 05/23/2001

!
"
#
$
%
&
'



OPERATING RANGE
Range
Ambient Temperature
Speed
VCC
Commercial
0°C to +70°C
-10, -12
5V ± 5%
-15, -20 5V ± 10%
Industrial
–40°C to +85°C
-12
5V ± 5%
-15, -20 5V ± 10%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10
-12
-15
-20
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max. Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
Com.
—
300
—
280
—
260
—
235
mA
Supply Current
IOUT = 0 mA, f = MAX
Ind.
—
—
—
300
—
290
—
255
ISB
TTL Standby Current
VCC = Max.,
Com.
—
50
—
50
—
50
—
50
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—
—
—
55
—
55
—
55
CE ≥ VIH , f = 0
ISB
CMOS Standby
VCC = Max.,
Com.
—
10
—
10
—
10
—
10
mA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
—
—
—
15
—
15
—
15
VIN ≥ VCC – 0.2V, or
VIN ≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
—
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
—
0.4
V
VIH
Input HIGH Voltage(1)
2.2
VCC + 0.5
V
VIL
Input LOW Voltage(2)
–0.5
0.8
V
ILI
Input Leakage
GND ≤ VIN ≤ VCC
–2
2
µA
ILO
Output Leakage
GND ≤ VOUT ≤ VCC, Outputs Disabled
–2
2
µA
Notes:
1. VIH=VCC +3.0V for pulse width less than 10ns.
2. VIL = –3.0V for pulse width less than 10 ns.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under ABSO-
LUTE MAXIMUM RATINGS may cause per-
manent damage to the device. This is a stress
rating only and functional operation of the
device at these or any other conditions above
those indicated in the operational sections of
this specification is not implied. Exposure to
absolute maximum rating conditions for ex-
tended periods may affect reliability.


Similar Part No. - IC61C6416

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10J ICSI-IC61C256AH-10J Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10N ICSI-IC61C256AH-10N Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10T ICSI-IC61C256AH-10T Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10U ICSI-IC61C256AH-10U Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61C6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com