Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61C6416 Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61C6416
Description  64K X 16 HIGH-SPEED CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61C6416 Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61C6416 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61C6416 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1+$+$"$
4
Integrated Circuit Solution Inc.
AHSR011-0A 05/23/2001
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-10
-12
-15
-20
Symbol
Parameter
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
tRC
Read Cycle Time
10
—
12
—
15
—
20
—
ns
tAA
Address Access Time
—
10
—
12
—
15
—
20
ns
tOHA
Output Hold Time
3 —
4
—
ns
tACE
CE Access Time
—
10
—
12
—
15
—
20
ns
tDOE
OE Access Time
—
5
—
6
—
7
—
9
ns
tHZOE 
OE to High-Z Output
—
5
—
6
0
6
0
8
ns
tLZOE 
OE to Low-Z Output
0
—
0
—
0
—
0
—
ns
tHZCE
CE to High-Z Output
0
5
0
6
0
6
0
8
ns
tLZCE 
CE to Low-Z Output
3 —
ns
tBA
LB, UB Access Time
—
5
—
6
—
7
—
9
ns
tHZB
LB, UB to High-Z Output
0
5
0
6
0
6
0
8
ns
tLZB
LB, UB to Low-Z Output
0
—
0
—
0
—
0
—
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in .igure 1.
2. Tested with the load in .igure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and .all Times
3 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See .igures 1 and 2
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
p.
COUT
Input/Output Capacitance
VOUT = 0V
8
p.
Note:
1. Tested initially and after any design or process changes that may affect these parameters.
.igure 1
.igure 2
AC TEST LOADS
480
30 pF
Including
jig and
scope
255
OUTPUT
5V
480
5 pF
Including
jig and
scope
255
OUTPUT
5V


Similar Part No. - IC61C6416

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10J ICSI-IC61C256AH-10J Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10N ICSI-IC61C256AH-10N Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10T ICSI-IC61C256AH-10T Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IC61C256AH-10U ICSI-IC61C256AH-10U Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IC61C6416

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Winbond
W26010A WINBOND-W26010A Datasheet
158Kb / 10P
   64K 16 HIGH-SPEED CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V61C51161024 MOSEL-V61C51161024 Datasheet
61Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
V61C31161024 MOSEL-V61C31161024 Datasheet
83Kb / 10P
   64K x 16 HIGH SPEED STATIC RAM
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com